Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3356 Datasheet(PDF) 5 Page - California Eastern Labs

Part # 2SC3356
Description  NPN Epitaxial Silicon RF Transistor for Microwave Low-Noise Amplification 3-pin Minimold
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC3356 Datasheet(HTML) 5 Page - California Eastern Labs

  2SC3356 Datasheet HTML 1Page - California Eastern Labs 2SC3356 Datasheet HTML 2Page - California Eastern Labs 2SC3356 Datasheet HTML 3Page - California Eastern Labs 2SC3356 Datasheet HTML 4Page - California Eastern Labs 2SC3356 Datasheet HTML 5Page - California Eastern Labs 2SC3356 Datasheet HTML 6Page - California Eastern Labs 2SC3356 Datasheet HTML 7Page - California Eastern Labs 2SC3356 Datasheet HTML 8Page - California Eastern Labs 2SC3356 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NE85633 / 2SC3356
7
f
o
5
e
g
a
P
0
0
.
3
.
v
e
R
0
0
3
0
J
E
1
2
0
0
S
D
9
0
R
Jun 28, 2011
SMITH CHART
S21e-FREQUENCY
CONDITION : VCE = 10 V, IC = 20 mA
90˚
30˚
–30˚
60˚
–60˚
180˚
150˚
–150˚
120˚
–120˚
–90˚
5
10
15
20
S21e
0.2 GHz
2.0 GHz
S12e-FREQUENCY
CONDITION : VCE = 10 V, IC = 20 mA
90˚
30˚
–30˚
60˚
–60˚
180˚
150˚
–150˚
120˚
–120˚
–90˚
0.05 0.1 0.15 0.2 0.25
S12e
0.2 GHz
2.0 GHz
S11e, S22e-FREQUENCY
CONDITION : VCE = 10 V, 200 MHz Step
60
50
70
80
90
100
110
120
130
0.18
0.16
0.14
0.12
0.10
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.32
0.34
0.36
0.38
0.40
0.42
0.33
0.35
0.37
0.39
0.41
0.43
REACTANCE COMPONENT
( R––––Z
O
)
ENT
0.3
0.2
0.1
0.4
50
10
6.0
4.0
3.0
20
0.2 GHz
2.0 GHz
2.0 GHz
0.2 GHz
IC = 20 mA
S22e
S11e
IC = 20 mA
IC = 5 mA
IC = 5 mA
0.2
0.4
0.6
0.8
1.0
0.2
0.8
0.6
0.4
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - 2SC3356

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
logo
MAKO SEMICONDUCTOR CO.,...
2SC3356 MAKOSEMI-2SC3356 Datasheet
54Kb / 1P
   TRANSISTOR (NPN)
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Guilin Strong Micro-Ele...
2SC3356 GSME-2SC3356 Datasheet
282Kb / 3P
   SOT-23
logo
Guangdong Kexin Industr...
2SC3356 KEXIN-2SC3356 Datasheet
39Kb / 1P
   NPN Silicon Epitaxial Transistor
More results

Similar Description - 2SC3356

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
logo
California Eastern Labs
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
logo
Renesas Technology Corp
2SC4536 RENESAS-2SC4536_15 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
2SC3357 RENESAS-2SC3357 Datasheet
218Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC4226-T1-A RENESAS-2SC4226-T1-A Datasheet
149Kb / 8P
   NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold
2SC4093 RENESAS-2SC4093_15 Datasheet
175Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
2SC4957 RENESAS-2SC4957_15 Datasheet
189Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
2SC5012 RENESAS-2SC5012_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
2SC5011 RENESAS-2SC5011_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com