Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP220 Datasheet(PDF) 4 Page - Analog Devices

Part # OP220
Description  Dual Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP220 Datasheet(HTML) 4 Page - Analog Devices

  OP220_15 Datasheet HTML 1Page - Analog Devices OP220_15 Datasheet HTML 2Page - Analog Devices OP220_15 Datasheet HTML 3Page - Analog Devices OP220_15 Datasheet HTML 4Page - Analog Devices OP220_15 Datasheet HTML 5Page - Analog Devices OP220_15 Datasheet HTML 6Page - Analog Devices OP220_15 Datasheet HTML 7Page - Analog Devices OP220_15 Datasheet HTML 8Page - Analog Devices OP220_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
–4–
OP220–SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage . . . . . . . . . . 30 V or Supply Voltage
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Output Short-Circuit Duration
Indefinite
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Junction Temperature (Ti) . . . . . . . . . . . . . –65
∞C to +150∞C
Operating Temperature Range
OP220A/OP220C . . . . . . . . . . . . . . . . . . –55
∞C to +125∞C
OP220E/OP220F . . . . . . . . . . . . . . . . . . . . –25
∞C to +85∞C
OP220G . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
∞C
NOTES
*Absolute Maximum Ratings apply to packaged parts, unless otherwise noted.
WAFER TEST LIMITS
OP220N
Parameter
Symbol
Conditions
Limit
Unit
Input Offset Voltage
VOS
200
mV Max
Input Offset Voltage Match
VOS
300
mV Max
Input Offset Current
IOS
VCM = 0
2
nA Max
Input Bias Current
IB
VCM = 0
25
nA Max
Input Voltage Range
IVR
VS =
±15 V
–15/13.5
V Min
Common-Mode
CMRR
V– = 0 V, V+ = 5 V, 0 V
£ VCM £ 3.5 V
88
dB Min
Rejection Ratio
–15 V
£ VCM £ 13.5 V, VS = ±15 V
93
Power Supply
PSRR
VS =
±2.5 V to ±15 V
12.5
mV/V Max
Rejection Ratio
V– = 0 V, V+ = 5 V to 30 V
22.5
Large-Signal
AVO
RL = 25 k
W, VS = ±15 V
1000
V/mV Min
Voltage Gain
VO =
±10 V
Output Voltage Swing
VO
V+ = 5 V, V– = 0 V, RL = 10 k
W
0.7/4
V Min
VS =
±15 V, RL = 25 kW±14
Supply Current
ISY
VS =
±2.5 V, No Load
125
mA Max
(Both Amplifiers)
VS =
±15 V, No Load
190
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packing is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on die lot qualification through sample lot assembly and testing.
(@ VS =
2.5 V, to
15 V, TA = 25 C, unless otherwise noted.)
Package Type
JA*
JC
Unit
8-Lead Hermetic DIP (Q)
148
16
∞C/W
8-Lead Plastic DIP (N)
103
43
∞C/W
8-Lead SOL (RN)
158
43
∞C/W
TO-99 (H)
150
18
∞C/W
* JA is specified for worst-case mounting conditions, i.e., JA is specified for device
in socket for CERDIP and PDIP packages; JA is specified for device soldered to
printed circuit board for SO packages.
DIE CHARACTERISTICS
DIE SIZE 0.097 INCH
0.063 INCH, 6111 SQ. MILS
(2.464 mm
1.600 mm, 3.94 SQ. mm)
NOTE : ALL V+ PADS ARE INTERNALL CONNECTED
1.
INVERTING INPUT (A)
2.
NONINVERTING INPUT (A)
3.
BALANCE (A)
4.
V–
5.
BALANCE (B)
6.
NONINVERTING INPUT (B)
7.
INVERTING INPUT (B)
8.
BALANCE (B)
9.
V+
10. OUT (B)
11. V+
12. OUT (A)
13. V+
14. BALANCE (A)
ORDERING GUIDE
TA = 25
∞C
Package Options
Operating
VOS MAX
Temperature
(mV)
CERDIP
Plastic
TO-99
Range
150
OP220AZ
*
MIL
150
OP220EZ
*
IND
300
OP220FZ
*
IND
750
OP220CJ
*
MIL
750
OP220GZ
* OP220GP*
XIND
750
OP220GS
XIND
For military processed devices, please refer to the Mil Standard
Data Sheet
OP220AJ/883
*.
*Not for new design. Obsolete April 2002.


Similar Part No. - OP220_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP220A AD-OP220A Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220AJ AD-OP220AJ Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220AZ AD-OP220AZ Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220AZ AD-OP220AZ Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
logo
Maxwell Technologies
OP220AZ MAXWELL-OP220AZ Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
More results

Similar Description - OP220_15

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
OP-220 AD-OP-220 Datasheet
434Kb / 8P
   DUAL MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com