Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RURP15120 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RURP15120
Description  15A, 1200V Ultrafast Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RURP15120 Datasheet(HTML) 1 Page - Intersil Corporation

  RURP15120 Datasheet HTML 1Page - Intersil Corporation RURP15120 Datasheet HTML 2Page - Intersil Corporation RURP15120 Datasheet HTML 3Page - Intersil Corporation RURP15120 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
File Number
3696.3
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
RURP15120
15A, 1200V Ultrafast Diode
The RURP15120 is an ultrafast diode with soft recovery
characteristics (trr < 100ns). It has low forward voltage drop
and is of silicon nitride passivated ion-implanted epitaxial
planar construction.
This device is intended for use as a freewheeling/clamping
diode and rectifier in a variety of switching power supplies
and other power switching applications. Its low stored charge
and ultrafast soft recovery minimize ringing and electrical
noise in many power switching circuits, thus reducing power
loss in the switching transistors.
Formerly developmental type TA49097.
Symbol
Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . <100ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC TO-220AC
Ordering Information
PART NUMBER
PACKAGE
BRAND
RURP15120
TO-220AC
RUR15120
NOTE: When ordering, use the entire part number.
K
A
CATHODE
(FLANGE)
CATHODE
ANODE
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RURP15120
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
1200
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM
1200
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VR
1200
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
(TC = 140
oC)
15
A
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IFRM
(Square Wave, 20kHz)
30
A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM
(Halfwave, 1 Phase, 60Hz)
200
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD
100
W
Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL
20
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TSTG, TJ
-65 to 175
oC
Data Sheet
January 2000


Similar Part No. - RURP15120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURP15100 INTERSIL-RURP15100 Datasheet
31Kb / 3P
   15A, 1000V Ultrafast Diode
More results

Similar Description - RURP15120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURG15120CC INTERSIL-RURG15120CC Datasheet
49Kb / 4P
   15A, 1200V Ultrafast Dual Diode
logo
Taiwan Semiconductor Co...
UGA15120 TSC-UGA15120 Datasheet
233Kb / 4P
   15A, 1200V Ultrafast Power Rectifier
logo
Intersil Corporation
RHRP15120 INTERSIL-RHRP15120 Datasheet
48Kb / 4P
   15A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRP15120 FAIRCHILD-RHRP15120 Datasheet
347Kb / 5P
   15A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG15120CC INTERSIL-RHRG15120CC Datasheet
49Kb / 4P
   15A, 1200V Hyperfast Dual Diode
logo
UnitedSiC.
UJ2D1215T UNITEDSIC-UJ2D1215T Datasheet
516Kb / 4P
   15A - 1200V SiC Schottky Diode
Rev. B, October 2016
logo
Intersil Corporation
RURG30120 INTERSIL-RURG30120 Datasheet
31Kb / 3P
   30A, 1200V Ultrafast Diode
RURG50120 INTERSIL-RURG50120 Datasheet
49Kb / 4P
   50A, 1200V Ultrafast Diode
RURG75120 INTERSIL-RURG75120 Datasheet
32Kb / 3P
   75A, 1200V Ultrafast Diode
RURP8120 INTERSIL-RURP8120 Datasheet
49Kb / 4P
   8A, 1200V Ultrafast Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com