Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RURH3020CC Datasheet(PDF) 2 Page - Intersil Corporation

Part # RURH3020CC
Description  30A, 200V Ultrafast Dual Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RURH3020CC Datasheet(HTML) 2 Page - Intersil Corporation

  RURH3020CC Datasheet HTML 1Page - Intersil Corporation RURH3020CC Datasheet HTML 2Page - Intersil Corporation RURH3020CC Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Electrical Specifications
(Per Leg) TC = 25
oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
VF
IF = 30A
-
-
1.0
V
IF = 30A, TC = 150
oC
-
-
0.85
V
IR
VR = 200V
-
-
250
µA
VR = 200V, TC = 150
oC
-
-
1.0
mA
trr
IF = 1A, dIF/dt = 100A/µs-
-
45
ns
IF = 30A, dIF/dt = 100A/µs-
-
50
ns
ta
IF = 30A, dIF/dt = 100A/µs
-
28
-
ns
tb
IF = 30A, dIF/dt = 100A/µs
-
20
-
ns
RθJC
-
-
1.2
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
trr = Reverse recovery time at dIF/dt = 100A/µs (See Figure 6), summation of ta + tb.
ta = Time to reach peak reverse current at dIF/dt = 100A/µs (See Figure 6).
tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 6).
RθJC = Thermal resistance junction to case.
pw = pulse width.
D = duty cycle.
Typical Performance Curves
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
200
100
10
1
0
VF, FORWARD VOLTAGE (V)
0.3
0.6
0.9
1.2
1.5
175oC
100oC
25oC
400
100
10
1
0.1
0.01
0.001
0
50
100
150
200
VR, REVERSE VOLTAGE (V)
175oC
100oC
25oC
RURH3020CC


Similar Part No. - RURH3020CC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURH30100CC INTERSIL-RURH30100CC Datasheet
33Kb / 3P
   30A, 1000V Ultrafast Dual Diode
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
   30A, 400V - 600V Ultrafast Dual Diodes
RURH3060CC INTERSIL-RURH3060CC Datasheet
39Kb / 3P
   30A, 400V - 600V Ultrafast Dual Diodes
More results

Similar Description - RURH3020CC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURG3020CC INTERSIL-RURG3020CC Datasheet
32Kb / 3P
   30A, 200V Ultrafast Dual Diode
logo
Fairchild Semiconductor
RURG3020CC FAIRCHILD-RURG3020CC Datasheet
338Kb / 4P
   30A, 200V Ultrafast Dual Diode
RURP3020 FAIRCHILD-RURP3020 Datasheet
340Kb / 4P
   30A, 200V Ultrafast Diode
logo
Intersil Corporation
RURP3020 INTERSIL-RURP3020 Datasheet
33Kb / 3P
   30A, 200V Ultrafast Diode
RURG3020 INTERSIL-RURG3020 Datasheet
64Kb / 6P
   30A, 200V Ultrafast Diode
RURG1520CC INTERSIL-RURG1520CC Datasheet
31Kb / 3P
   15A, 200V Ultrafast Dual Diode
logo
Fairchild Semiconductor
RURG1520CC FAIRCHILD-RURG1520CC_05 Datasheet
52Kb / 5P
   15A, 200V Ultrafast Dual Diode
logo
Intersil Corporation
RURG1540CC INTERSIL-RURG1540CC Datasheet
32Kb / 3P
   15A, 200V Ultrafast Dual Diode
logo
Shenzhen Winsemi Microe...
WSAD92-02 WINSEMI-WSAD92-02 Datasheet
327Kb / 5P
   20A,200V Ultrafast Dual Diode
logo
Fairchild Semiconductor
RURG1520CC FAIRCHILD-RURG1520CC Datasheet
339Kb / 4P
   15A, 200V Ultrafast Dual Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com