Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP37 Datasheet(PDF) 7 Page - Analog Devices

Part # OP37
Description  Low Noise, Precision, High Speed Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP37_15 Datasheet HTML 3Page - Analog Devices OP37_15 Datasheet HTML 4Page - Analog Devices OP37_15 Datasheet HTML 5Page - Analog Devices OP37_15 Datasheet HTML 6Page - Analog Devices OP37_15 Datasheet HTML 7Page - Analog Devices OP37_15 Datasheet HTML 8Page - Analog Devices OP37_15 Datasheet HTML 9Page - Analog Devices OP37_15 Datasheet HTML 10Page - Analog Devices OP37_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
–7–
OP37
FREQUENCY – Hz
100
0.01
90
80
70
60
50
0.1
1
10
100
40
30
TEST TIME OF 10sec MUST BE USED
TO LIMIT LOW FREQUENCY
(<0.1Hz) GAIN.
TPC 1. Noise-Tester Frequency
Response (0.1 Hz to 10 Hz)
BANDWIDTH – Hz
10
100k
1
0.1
0.01
100
1k
10k
TA = 25 C
VS = 15V
TPC 4. Input Wideband Voltage Noise
vs. Bandwidth (0.1 Hz to Frequency
Indicated)
TOTAL SUPPLY VOLTAGE (V+ – V–) – Volts
5
4
1
010
40
20
30
3
2
TA = 25 C
AT 10Hz
AT 1kHz
TPC 7. Voltage Noise Density vs.
Supply Voltage
FREQUENCY – Hz
10
1
TA = 25 C
VS = 15V
9
8
7
6
5
4
3
2
1
10
100
1k
I/F CORNER = 2.7Hz
TPC 2. Voltage Noise Density vs.
Frequency
SOURCE RESISTANCE –
100
1
10k
100
1k
10
TA = 25 C
VS = 15V
R2
R1
RS – 2R1
AT 1kHz
AT 10Hz
RESISTOR NOISE ONLY
TPC 5. Total Noise vs. Source Resistance
FREQUENCY – Hz
10.0
0.1
10
10k
1.0
100
1k
I/F CORNER = 140Hz
TPC 8. Current Noise Density vs.
Frequency
FREQUENCY – Hz
100
1
1
10
100
1k
10
LOW NOISE
AUDIO OP AMP
INSTRUMENTATION
RANGE TO DC
AUDIO RANGE
TO 20kHz
I/F CORNER
741
OP37
I/F CORNER
I/F CORNER =
2.7Hz
TPC 3. A Comparison of Op Amp
Voltage Noise Spectra
TEMPERATURE – C
5
–50
–25
0
25
50
75
100
125
4
3
2
1
AT 10Hz
AT 1kHz
VS = 15V
TPC 6. Voltage Noise Density vs.
Temperature
TOTAL SUPPLY VOLTAGE – Volts
5.0
5
TA = +125 C
4.0
3.0
2.0
1.0
15
25
35
45
TA = +25 C
TA = –55 C
TPC 9. Supply Current vs. Supply
Voltage
Typical Performance Characteristics–


Similar Part No. - OP37_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP37A TI-OP37A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP37AFK TI-OP37AFK Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
OP37AJ MAXIM-OP37AJ Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Texas Instruments
OP37AJG TI-OP37AJG Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP37AP TI-OP37AP Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - OP37_15

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2975H AKM-AK2975H Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
AK2975 AKM-AK2975 Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
logo
Analog Devices
OP37 AD-OP37 Datasheet
389Kb / 16P
   Low Noise, Precision, High Speed Operational Amplifier
REV. A
logo
Texas Instruments
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI1-TLE2141-EP_12 Datasheet
821Kb / 33P
[Old version datasheet]   Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027-EP TI1-TLE2027-EP Datasheet
795Kb / 28P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-37 AD-OP-37 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION, HIGH SPEED OPERATIONAL AMPLIFIER(AVCL>=5)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com