Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANT30044-RA Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30044-RA
Description  900 MHz GSM Unipolarized Directional Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30044-RA Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30044-RA Datasheet HTML 1Page - World Produts Inc. WPANT30044-RA Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: June 19, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANT30044-RA
900 MHz GSM Unipolarized Directional Antenna
Description / Application
This is a Unipolarized directional antenna that operates in the 900 MHz GSM band. It comes with a Type-N female connector.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
870 – 960 MHz
Approximate Antenna Impedance [
Ω] 50
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
16 to 17 dBi
Polarization
Vertical
Pattern
Directional (25 dB front-to-back ratio)
Accepted Power [W] (Max)
500 Watts
Mechanical / Environmental Properties
Antenna Dimensions
72.8’’ X 11.3’’ X 5.2’’
(1850mm X 287mm X 132mm)
Antenna Color
Grey
Connector
Type-N Female
Antenna Radome
Plastic or FRP
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30044-RA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30044-RA WPI-WPANT30044-RA_15 Datasheet
66Kb / 2P
   900 MHz GSM Unipolarized Directional Antenna
More results

Similar Description - WPANT30044-RA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30044-RA WPI-WPANT30044-RA_15 Datasheet
66Kb / 2P
   900 MHz GSM Unipolarized Directional Antenna
WPANT30048-RA WPI-WPANT30048-RA Datasheet
68Kb / 2P
   900 MHz GSM Omni-Directional Antenna
WPANT30048-R2A WPI-WPANT30048-R2A Datasheet
110Kb / 3P
   900 MHz GSM Omni-Directional Antenna
WPANT30046-RA WPI-WPANT30046-RA Datasheet
161Kb / 2P
   900 MHz GSM Corner Antenna
WPANT30045-RA WPI-WPANT30045-RA_15 Datasheet
67Kb / 2P
   800 MHz Cellular-band Unipolarized Directional Antenna
WPANT30045-RA WPI-WPANT30045-RA Datasheet
72Kb / 2P
   800 MHz Cellular-band Unipolarized Directional Antenna
WPANT30049-RA WPI-WPANT30049-RA Datasheet
86Kb / 2P
   900 MHz Directional Paraboloid Antenna
WPANT30050-RA WPI-WPANT30050-RA Datasheet
97Kb / 2P
   900 MHz Directional Yagi Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
   900 MHz ISM band Omni-Directional Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
   900 MHz ISM band Omni-directional Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com