Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31DQ05 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 31DQ05
Description  3.0A Axial Leaded Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

31DQ05 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  31DQ05 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 31DQ05 Datasheet HTML 2Page - SUNMATE electronic Co., LTD 31DQ05 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
of 3
3.0A Axial Leaded Schottky Barrier Rectifiers
31DQ05-31DQ06
1
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
·
A
A
B
C
D
·
·
·
·
·
·
·
Case: molded plastic
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
3.3
A
VRRM
50/60
V
IFSM
tp = 5 µs sine
340
A
VF
3 Apk, TJ = 25 °C
0.62
V
TJ
- 40 to 150
°C
Designed and qualified for industrial level
Lead (Pb)-free plating
Guard ring for enhanced ruggedness and long term
High purity, high temperature epoxy encapsulation for
Very low forward voltage drop
High frequency operation
Low profile, axial leaded outline
enhanced mechanical strength and moisture resistance
reliability


Similar Part No. - 31DQ05

ManufacturerPart #DatasheetDescription
logo
International Rectifier
31DQ05 IRF-31DQ05 Datasheet
56Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
31DQ05 VISHAY-31DQ05 Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
logo
New Jersey Semi-Conduct...
31DQ05 NJSEMI-31DQ05 Datasheet
142Kb / 1P
   Schottky Rectifiers
logo
Vishay Siliconix
31DQ05 VISHAY-31DQ05 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
31DQ05-M3 VISHAY-31DQ05-M3 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
More results

Similar Description - 31DQ05

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
logo
Formosa MS
SR320 FORMOSA-SR320_13 Datasheet
138Kb / 6P
   3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
logo
SUNMATE electronic Co.,...
SB320 SUNMATE-SB320 Datasheet
157Kb / 2P
   3.0A Axial Leaded Schottky Barrier Diode
SR320 SUNMATE-SR320 Datasheet
141Kb / 2P
   3.0A Axial Leaded Schottky Barrier Diode
31DQ09 SUNMATE-31DQ09 Datasheet
111Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifier
31DQ03 SUNMATE-31DQ03 Datasheet
98Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifier
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
1N5817 SUNMATE-1N5817 Datasheet
57Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifiers
31DF4 SUNMATE-31DF4 Datasheet
162Kb / 2P
   3.0A Axial Leaded Super- Fast Rectifiers
31DF1 SUNMATE-31DF1 Datasheet
117Kb / 2P
   3.0A Axial Leaded Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com