Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE555 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE555
Description  300mA High PSRR, Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE555 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE555_15 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
 
                                                                                                                    
ACE555
                      
300mA High PSRR, Linear Regulator
 
VER 1.1 4
Electrical Characteristics
ACE555, For Arbitrary Output Voltage.(Test Conditions: Cin=1uF,Cout=1uF,TA=25C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
s
Vin
Input Voltage
1.5
6
V
Vout
Output
Voltage
Vout>1.5V
Vin=Set Vout+1V
1mA≤Iout≤30mA
Vout
x0.98
Vout
Vout
x 1.02
V
Vout<=1.5V
Vout
-0.03
Vout
+0.03
Iout (Max.)
Maximun Output Current
Vin-Vout=1V
300
mA
Vdrop1
Dropout Voltage,Vout≥2.8V
Iout=100mA
100
150
mV
Iout=300mA
300
400
mV
Vout /
Vin x Vout
Line Regulation
Iout=40mA
2.8V≤Vin≤6V
0.05
0.2
%/V
Vout
Load Regulation
Vin=Set Vout+1V
1mA≤Iout≤300mA
50
80
mV
Iss
Supply Current
Vin=Set Vout+1V
25
uA
Istandby
Supply Current (Srandby)
Vin=Set Vout+1V
Vce=Vss
0.1
1.0
uA
Vout /
T x Vout
Output Voltage Temperature
Coefficient
Iout=30mA
±100
ppm
/
C
PSRR
Ripple Rejection
F=1KHz,
Ripple=0.5Vp-p
Vin=Set Vout+1V
70
dB
Ilim
Current Limit
300
mA
Vceh
CE Input Voltage “H”
1.5
Vin
V
Vcel
CE Input Voltage “L”
0
0.25
V
en
Output Noise
BW=10Hz~100kHz
47
uVr
ms
Note: Vdrop=Vin1-(Vout2*0.98) Vout2 is the output voltage when Vin=Vout1+1.0V and Iout=300mA.
Vin1 is the input voltage at which the output voltage becomes 98% of Vout1 after gradually decreasing the input voltage.
Typical Application Circuit
ACE555
Note: Input capacitor (Cin=1uF) and Output capacitor (Cout=1uF) are recommended in all application circuit.


Similar Part No. - ACE555_15

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE55531AMA++ ACE-ACE55531AMA+ Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
ACE55531AMB++ ACE-ACE55531AMB+ Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
ACE55531AMC++ ACE-ACE55531AMC+ Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
ACE55541AMA++ ACE-ACE55541AMA+ Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
ACE55541AMB++ ACE-ACE55541AMB+ Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
More results

Similar Description - ACE555_15

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
   300mA High PSRR, Linear Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
   300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
   300mA High PSRR, Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
   300mA High PSRR, Linear Regulator
BL8063 BELLING-BL8063_14 Datasheet
758Kb / 8P
   300mA High PSRR, Linear Regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
ACE Technology Co., LTD...
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
ACE520 ACE-ACE520 Datasheet
663Kb / 9P
   Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE535C ACE-ACE535C Datasheet
501Kb / 8P
   300mA High PSRR, Fast Response Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8067 BELLING-BL8067 Datasheet
788Kb / 8P
   300mA High PSRR, Fast Response Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com