Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE25C100G Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE25C100G
Description  Uniform Sector Dual and Quad Serial Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C100G Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE25C100G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ACE25C100G
Uniform Sector Dual and Quad Serial Flash
VER 1.4
5
Hold
The HOLD# signal goes low to stop any serial communications with the device, but doesn’t stop the
operation of write status register, programming, or erasing in progress.
The operation of HOLD, need CS# keep low, and starts on falling edge of the HOLD# signal, with
SCLK signal being low (if SCLK is not being low, HOLD operation will not start until SCLK being low).
The HOLD condition ends on rising edge of HOLD# signal with SCLK being low (If SCLK is not being
low, HOLD operation will not end until SCLK being low).
The SO is high impedance, both SI and SCLK don’t care during the HOLD operation, if CS# drives
high during HOLD operation, it will reset the internal logic of the device. To re-start communication
with chip, the HOLD# must be at high and then CS# must be at low.
Figure1. Hold Condition
Data Protection
The ACE25C100G provide the following data protection methods:
 Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL).
The WEL bit will return to reset by the following situation:
-Power-Up
-Write Disable (WRDI)
-Write Status Register(WRSR)
-Page Program (PP)
-Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE)
 Software Protection Mode: The Block Protect (SEC, TB, BP2, BP1, BP0) bits define the section
of the memory array that can be read but not change.
 Hardware Protection Mode: WP# going low to protected the BP0~SEC bits and SRP0~1 bits.
 Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the
Release from deep Power-Down Mode command.


Similar Part No. - ACE25C100G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C160G ACE-ACE25C160G Datasheet
1Mb / 36P
   Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
More results

Similar Description - ACE25C100G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C512G ACE-ACE25C512G Datasheet
1Mb / 37P
   Uniform Sector Dual and Quad Serial Flash
VER 1.5
logo
GigaDevice Semiconducto...
GD25VE16C GIGADEVICE-GD25VE16C Datasheet
1Mb / 60P
   Uniform Sector Dual and Quad Serial Flash
GD25VQ16C GIGADEVICE-GD25VQ16C Datasheet
1Mb / 59P
   Uniform Sector Dual and Quad Serial Flash
logo
ACE Technology Co., LTD...
ACE25C320G ACE-ACE25C320G Datasheet
2Mb / 37P
   Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
logo
ELM Electronics
GD25Q21BXIGX ELM-GD25Q21BXIGX Datasheet
3Mb / 49P
   Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25VE40C GIGADEVICE-GD25VE40C Datasheet
1Mb / 55P
   Uniform Sector Dual and Quad Serial Flash
GD25VQ127C GIGADEVICE-GD25VQ127C Datasheet
1Mb / 62P
   Uniform Sector Dual and Quad Serial Flash
logo
ACE Technology Co., LTD...
ACE25C160G ACE-ACE25C160G Datasheet
1Mb / 36P
   Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
logo
ELM Technology Corporat...
GD25D10XIGX ELM-TECH-GD25D10XIGX Datasheet
2Mb / 28P
   Uniform sector dual and quad serial flash
logo
GigaDevice Semiconducto...
GD25VQ40C GIGADEVICE-GD25VQ40C Datasheet
1Mb / 56P
   Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com