Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4150 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 1N4150
Description  200mA Axial Leaded Fast Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1N4150 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1N4150 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1N4150 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200mA Axial Leaded Fast Switching Diode
1N4150
1 of 2
Features
·
·
·
@ TA = 25
°C unless otherwise specified
Features
·
·
Mechanical Data
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
·
Case: DO-35 Glass Case
Weight: approx. 0.13g
High switching speed: max. 4 ns
Continuous reverse voltage:max. 50 V
Repetitive peak reverse voltage:max. 75 V
Repetitive peak forward current: max. 600 mA
Pb / RoHS Free
Symbol
Value
Unit
VRRM
75
V
VRM
50
V
Maximum Continuous Forward Current
IF
200
mA
Maximum Power Dissipation
PD
500
mW
Maximum Repetitive Peak Forward Current
IFRM
600
mA
Maximum Surge Forward Current at t = 1s , Tj = 25
°C
IFSM
0.5
A
Maximum Junction Temperature
TJ
200
°C
Storage Temperature Range
TS
-65 to + 200
°C
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum Continuous Reverse Voltage
Parameter
Symbol
Min.
Typ.
Max.
Unit
IR
VR = 50 V
-
-
0.1
µA
VR = 50 V , Tj = 150 °C
-
-
100
µA
IF = 100 mA
-
-
0.92
IF = 200 mA
-
-
1.0
Diode Capacitance
Cd
-
-
2.5
pF
IF = 10 mA to 200 mA
to IR = 10 mA to 200 mA;
RL = 100 Ω ; measured
at IR = 0.1x IF
V
Test Condition
VF
f = 1MHz ; VR = 0
Reverse Recovery Time
Trr
ns
4
-
-
Reverse Current
Forward Voltage


Similar Part No. - 1N4150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
logo
Rohm
1N4150 ROHM-1N4150 Datasheet
34Kb / 2P
   Switching diode
logo
New Jersey Semi-Conduct...
1N4150 NJSEMI-1N4150 Datasheet
44Kb / 1P
   Small Signal Devices
logo
GOOD-ARK Electronics
1N4150 GOOD-ARK-1N4150 Datasheet
23Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
TRANSYS Electronics Lim...
1N4150 TEL-1N4150 Datasheet
128Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
More results

Similar Description - 1N4150

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
   200mA Axial Leaded High Speed Switching Diode
1N4154 SUNMATE-1N4154 Datasheet
80Kb / 2P
   150mA Axial Leaded Fast Switching Diode
1N4148 SUNMATE-1N4148 Datasheet
78Kb / 2P
   150mA Axial Leaded Fast Switching Diode
BAS33 SUNMATE-BAS33 Datasheet
188Kb / 2P
   200mA Axial Leaded Small Signal Switching Diodes
BAY135 SUNMATE-BAY135 Datasheet
371Kb / 2P
   200mA Axial Leaded Small Signal Switching Diodes
BAT42 SUNMATE-BAT42 Datasheet
164Kb / 2P
   200mA Axial Leaded Schottky Barrier Diodes
UF200 SUNMATE-UF200 Datasheet
90Kb / 2P
   2.0A Axial Leaded Ultrfast Switching Fast Rectifier
logo
Shenzhen Yixinwei Techn...
UF2010 YIXIN-UF2010 Datasheet
134Kb / 2P
   2.0A Axial Leaded Ultrfast Switching Fast Rectifier
logo
SUNMATE electronic Co.,...
UF100 SUNMATE-UF100 Datasheet
89Kb / 2P
   1.0A Axial Leaded Ultrfast Switching Fast Rectifier
logo
Semtech Corporation
1N5415 SEMTECH-1N5415_10 Datasheet
135Kb / 5P
   Axial Leaded Hermetically Sealed Fast Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com