Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK6013DPE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK6013DPE
Description  600V - 11A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK6013DPE Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK6013DPE_15 Datasheet HTML 1Page - Renesas Technology Corp RJK6013DPE_15 Datasheet HTML 2Page - Renesas Technology Corp RJK6013DPE_15 Datasheet HTML 3Page - Renesas Technology Corp RJK6013DPE_15 Datasheet HTML 4Page - Renesas Technology Corp RJK6013DPE_15 Datasheet HTML 5Page - Renesas Technology Corp RJK6013DPE_15 Datasheet HTML 6Page - Renesas Technology Corp RJK6013DPE_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK6013DPE
Preliminary
R07DS0486EJ0200 Rev.2.00
Page 3 of 6
Jun 21, 2012
Main Characteristics
20
16
12
8
4
0
20
16
12
8
4
0
0
48
12
16
20
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
1100
10
1
10
0.1
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current (Typical)
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature (Typical)
02
46
8
10
0
0.4
0.8
1.6
1.2
2.0
-25
0
50
2575
100 125 150
0.1
1000
100
10
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time (Typical)
5.5 A
VDS = 10 V
Pulse Test
Tc = 75
°C
25
°C
−25°C
3 A
5.6 V
5.4 V
5.2 V
VGS = 5 V
5.8 V
6 V
7 V
Ta = 25
°C
Pulse Test
10 V
110
100
di / dt = 100 A /
μs
VGS = 0, Ta = 25°C
ID = 11 A
VGS = 10 V
Ta = 25
°C
Pulse Test
VGS = 10 V
Pulse Test
Drain to Source Voltage VDS (V)
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
Ta = 25
°C
1 shot
Operation in this
area is limited by
R
DS(on)
10
μs
PW
=
100
μs


Similar Part No. - RJK6013DPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6013DPE RENESAS-RJK6013DPE_12 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
More results

Similar Description - RJK6013DPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
RJK6013DPE RENESAS-RJK6013DPE_12 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
RJK6013DPP-A0 RENESAS-RJK6013DPP-A0 Datasheet
171Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
Mar.10.2021
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6015DPM RENESAS-RJK6015DPM_15 Datasheet
86Kb / 7P
   600V - 21A - MOS FET High Speed Power Switching
RJK6025DPE RENESAS-RJK6025DPE_15 Datasheet
81Kb / 7P
   600V - 0.8A - MOS FET High Speed Power Switching
RJK6002DPH-E0 RENESAS-RJK6002DPH-E0_15 Datasheet
99Kb / 7P
   600V - 2A - MOS FET High Speed Power Switching
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0_15 Datasheet
87Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6002DJE RENESAS-RJK6002DJE_15 Datasheet
69Kb / 4P
   600V - 2A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com