Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK6012DPP-E0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK6012DPP-E0
Description  600V - 10A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK6012DPP-E0 Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJK6012DPP-E0_15 Datasheet HTML 1Page - Renesas Technology Corp RJK6012DPP-E0_15 Datasheet HTML 2Page - Renesas Technology Corp RJK6012DPP-E0_15 Datasheet HTML 3Page - Renesas Technology Corp RJK6012DPP-E0_15 Datasheet HTML 4Page - Renesas Technology Corp RJK6012DPP-E0_15 Datasheet HTML 5Page - Renesas Technology Corp RJK6012DPP-E0_15 Datasheet HTML 6Page - Renesas Technology Corp RJK6012DPP-E0_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RJK6012DPP-E0
Preliminary
R07DS0611EJ0100 Rev.1.00
Page 6 of 6
Mar 16, 2012
Package Dimensions
5.08
± 0.20
3.18 ± 0.10
0.80
± 0.20
1.28 ± 0.30
2.76 ± 0.20
0.50
2.54
± 0.20
Max 1.47
10.16
± 0.20
Unit: mm
1.9g
MASS[Typ.]
PRSS0003AG-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
TO-220FP
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJK6012DPP-E0#T2
1000 pcs
Box (Tube)


Similar Part No. - RJK6012DPP-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0 Datasheet
87Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
More results

Similar Description - RJK6012DPP-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_15 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6012DPP-A0 RENESAS-RJK6012DPP-A0 Datasheet
156Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
Nov.15.2019
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0 Datasheet
87Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK60S2DPD RENESAS-RJK60S2DPD Datasheet
97Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0_13 Datasheet
104Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
RJK5035DPP-E0 RENESAS-RJK5035DPP-E0 Datasheet
87Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
RJK5035DPP-E0 RENESAS-RJK5035DPP-E0_15 Datasheet
87Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
RJK5035DPP-A0 RENESAS-RJK5035DPP-A0 Datasheet
170Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
Mar.10.2021
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com