Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK1001DPP-E0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK1001DPP-E0
Description  N-Channel MOS FET 100 V, 80 A, 5.5 m?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1001DPP-E0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK1001DPP-E0_15 Datasheet HTML 1Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 2Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 3Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 4Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 5Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 6Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK1001DPP-E0
Preliminary
R07DS0625EJ0200 Rev.2.00
Page 4 of 6
Oct 17, 2012
20
12
16
8
4
−25
0
25
50
75
100 125 150
0
Case Temperature Tc (
°C)
Drain to Source on State Resistance
vs. Temperature
0.1
10
1
100
100000
10000
1000
100
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Pulse Test
VDS = 40 V
ID = 40 A
0
0.5
1.0
1.5
2.0
100
40
VGS = 0 V
10 V
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
50
100
200
150
25
50
100
150
75
125
0
20
60
80
Channel Temperature Tch (
°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
IAP = 40 A
VDD = 50 V
duty < 0.1%
Rg
≥ 50 Ω
0
20
16
12
8
4
40
80
120
160
200
Gate Charge Qg (nC)
Dynamic Input Characteristics
ID = 40 A
VDD = 10 V
25 V
50 V


Similar Part No. - RJK1001DPP-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1001DPP-E0-T2 RENESAS-RJK1001DPP-E0-T2 Datasheet
88Kb / 7P
   N-Channel MOS FET 100 V, 80 A, 5.5 m
More results

Similar Description - RJK1001DPP-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1001DPP-E0 RENESAS-RJK1001DPP-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 100 V, 80 A, 5.5 m
RJK1001DPN-E0 RENESAS-RJK1001DPN-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 100 V, 80 A, 5.5 m?
RJK1001DPN-E0 RENESAS-RJK1001DPN-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 100 V, 80 A, 5.5 m
RJK0603DPN-E0 RENESAS-RJK0603DPN-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 60 V, 80 A, 5.2 m?
RJK0603DPN-E0 RENESAS-RJK0603DPN-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 60 V, 80 A, 5.2 m
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
   N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
RJK0602DPN-E0 RENESAS-RJK0602DPN-E0 Datasheet
89Kb / 7P
   N-Channel MOS FET 60 V, 100 A, 3.9 m.
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0_15 Datasheet
92Kb / 7P
   N-Channel MOS FET 100 V, 70 A, 7.6 m?
RJK1003DPP-E0 RENESAS-RJK1003DPP-E0 Datasheet
92Kb / 7P
   N-Channel MOS FET 100 V, 50 A, 11 m
RJK1003DPN-E0 RENESAS-RJK1003DPN-E0_15 Datasheet
89Kb / 7P
   N-Channel MOS FET 100 V, 50 A, 11 m?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com