Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLP1N06CLE Datasheet(PDF) 7 Page - Intersil Corporation

Part # RLP1N06CLE
Description  1A, 55V, 0.750 Ohm,Voltage Clamping, Current Limited, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RLP1N06CLE Datasheet(HTML) 7 Page - Intersil Corporation

  RLP1N06CLE Datasheet HTML 1Page - Intersil Corporation RLP1N06CLE Datasheet HTML 2Page - Intersil Corporation RLP1N06CLE Datasheet HTML 3Page - Intersil Corporation RLP1N06CLE Datasheet HTML 4Page - Intersil Corporation RLP1N06CLE Datasheet HTML 5Page - Intersil Corporation RLP1N06CLE Datasheet HTML 6Page - Intersil Corporation RLP1N06CLE Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
6-434
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
device, like most Power MOSFET devices today, is limited to
175oC. The maximum voltage allowable can, therefore be
expressed as:
Duty Cycle Operation of the RLP1N06CLE
In many applications either the drain to source voltage or the
gate drive is not available 100% of the time. The copper
header on which the RLP1N06CLE is mounted has a very
large thermal storage capability, so for pulse widths of less
than 100 milliseconds, the temperature of the header can be
considered a constant case temperature calculated simply as:
Generally the heat storage capability of the silicon chip in a
power transistor is ignored for duty cycle calculations.
Making this assumption, limiting junction temperature to
175oC and using the TC calculated above, the expression for
maximum VDS under duty cycle operation is:
These values are plotted as Figures 12 thru 16.
Limited Time Operations of the RLP1N06CLE
Protection for a limited period of time is sufficient for many
applications. As stated above the heat storage in the silicon
chip can usually be ignored for computations of over 10
milliseconds and the thermal equivalent circuit reduces to a
simple enough circuit to allow easy computation on the
limiting conditions. The variation in limiting current with
temperature complicates the calculation of junction
temperature, but a simple straight line approximation of the
variation is accurate enough to allow meaningful
computations. The curves shown as figures 17 thru 21 give
an accurate indication of how long the specified voltage can
be applied to the device in the current limiting mode without
exceeding the maximum specified 175oC junction
temperature. In practice this tells you how long you have to
alleviate the condition causing the current limiting to occur.
V
DS
175
o
CT
AMBIENT
()
I
LIM
RθJC RθCA
+
()
×
----------------------------------------------------------
=
(EQ. 1)
T
C
V
DS
I
D
DRθCA
×
×
×
() T
AMBIENT
+
=
(EQ. 2)
V
DS
175
T
C
I
LIM
DRθJC
×
×
------------------------------------------
=
(EQ. 3)
RLP1N06CLE


Similar Part No. - RLP1N06CLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RLP1N08LE INTERSIL-RLP1N08LE Datasheet
53Kb / 9P
   1A, 80V, 0.750 Ohm, Current Limited, N-Channel Power MOSFET
More results

Similar Description - RLP1N06CLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RLP1N08LE INTERSIL-RLP1N08LE Datasheet
53Kb / 9P
   1A, 80V, 0.750 Ohm, Current Limited, N-Channel Power MOSFET
logo
Diodes Incorporated
AP2162 DIODES-AP2162_09 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER
AP2172 Rev. 5
AP2161 DIODES-AP2161_09 Datasheet
389Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2161D_1009 DIODES-AP2161D_1009 Datasheet
482Kb / 17P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32250 Rev. 2 - 2
AP2172 DIODES-AP2172 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2166 DIODES-AP2166 Datasheet
541Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2166/AP2176 Rev 1
logo
Intersil Corporation
HUF75309T3ST INTERSIL-HUF75309T3ST Datasheet
88Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com