Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE70R2K2I Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE70R2K2I
Description  N-Channel Super Junction Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE70R2K2I Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE70R2K2I Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R2K2I Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R2K2I Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R2K2I Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R2K2I Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R2K2I Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R2K2I Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R2K2I Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
http://www.ncepower.com
v1.0
2
NCE70R2K2I,NCE70R2K2K
Parameter
Symbol
Value
Unit
Drain Source voltage slope, VDS ≤480 V,
dv/dt
50
V/ns
Reverse diode dv/dt,VDS ≤480 V,ISD<ID
dv/dt
15
V/ns
Operating Junction and Storage Temperature Range
TJ,TSTG
-55...+150
°C
Table 2.
Thermal Characteristic
Parameter
Symbol
Value
Unit
Thermal Resistance,Junction-to-Case(Maximum)
RthJC
5.4
°C /W
Thermal Resistance,Junction-to-Ambient (Maximum)
RthJA
75
°C /W
Table 3.
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
On/off states
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
700
V
Zero Gate Voltage Drain Current(Tc=25℃)
IDSS
VDS=700V,VGS=0V
1
μA
Zero Gate Voltage Drain Current(Tc=125℃)
IDSS
VDS=700V,VGS=0V
10
μA
Gate-Body Leakage Current
IGSS
VGS=±30V,VDS=0V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
2.5
3
3.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1A
2200
2500
mΩ
Dynamic Characteristics
Forward Transconductance
gFS
VDS = 20V, ID = 1A
2
S
Input Capacitance
Clss
190
PF
Output Capacitance
Coss
13
PF
Reverse Transfer Capacitance
Crss
VDS=50V,VGS=0V,
F=1.0MHz
1.1
PF
Total Gate Charge
Qg
3.2
10
nC
Gate-Source Charge
Qgs
0.6
nC
Gate-Drain Charge
Qgd
VDS=480V,ID=2A,
VGS=10V
1.2
nC
Intrinsic gate resistance
RG
f = 1 MHz open drain
9
Switching times
Turn-on Delay Time
td(on)
6
nS
Turn-on Rise Time
tr
3
nS
Turn-Off Delay Time
td(off)
65
nS
Turn-Off Fall Time
tf
VDD=380V,ID=1A,
RG=50Ω,VGS=10V
11
nS
Source- Drain Diode Characteristics
Source-drain current(Body Diode)
ISD
2
A
Pulsed Source-drain current(Body Diode)
ISDM
TC=25°C
6
A
Forward On Voltage
VSD
Tj=25°C,ISD=2A,VGS=0V
1
1.3
V
Reverse Recovery Time
trr
140
nS
Reverse Recovery Charge
Qrr
0.65
uC
Peak reverse recovery current
Irrm
Tj=25°C,IF=2A,di/dt=100A/μs
9
A
Notes: 1.Repetitive Rating: Pulse width limited by maximum junction temperature
2. Tj=25℃,VDD=50V,VG=10V, RG=25Ω


Similar Part No. - NCE70R2K2I

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE70R260 NCEPOWER-NCE70R260 Datasheet
758Kb / 10P
   N-Channel Super Junction Power MOSFET ll
NCE70R260D NCEPOWER-NCE70R260D Datasheet
758Kb / 10P
   N-Channel Super Junction Power MOSFET ll
NCE70R260F NCEPOWER-NCE70R260F Datasheet
758Kb / 10P
   N-Channel Super Junction Power MOSFET ll
More results

Similar Description - NCE70R2K2I

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM5N650IP RECTRON-RM5N650IP Datasheet
525Kb / 8P
   N-Channel Super Junction Power MOSFET
RM5N700IP RECTRON-RM5N700IP Datasheet
974Kb / 8P
   N-Channel Super Junction Power MOSFET
RM12N500T2 RECTRON-RM12N500T2 Datasheet
1Mb / 8P
   N-Channel Super Junction Power MOSFET
RM12N650LD RECTRON-RM12N650LD Datasheet
627Kb / 9P
   N-Channel Super Junction Power MOSFET
logo
Wuxi NCE Power Semicond...
NCE70R900I NCEPOWER-NCE70R900I Datasheet
603Kb / 8P
   N-Channel Super Junction Power MOSFET
NCE65R1K2 NCEPOWER-NCE65R1K2 Datasheet
667Kb / 10P
   N-Channel Super Junction Power MOSFET
NCE60R2K2I NCEPOWER-NCE60R2K2I Datasheet
608Kb / 8P
   N-Channel Super Junction Power MOSFET
NCE70R360D NCEPOWER-NCE70R360D Datasheet
673Kb / 10P
   N-Channel Super Junction Power MOSFET
NCE80R1K2I NCEPOWER-NCE80R1K2I Datasheet
601Kb / 8P
   N-Channel Super Junction Power MOSFET
logo
First Silicon Co., Ltd
FTK65T180 FS-FTK65T180 Datasheet
858Kb / 9P
   N-Channel Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com