Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8100GR-E2 Datasheet(PDF) 9 Page - NEC

Part # UPC8100GR-E2
Description  SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8100GR-E2 Datasheet(HTML) 9 Page - NEC

Back Button UPC8100GR-E2 Datasheet HTML 5Page - NEC UPC8100GR-E2 Datasheet HTML 6Page - NEC UPC8100GR-E2 Datasheet HTML 7Page - NEC UPC8100GR-E2 Datasheet HTML 8Page - NEC UPC8100GR-E2 Datasheet HTML 9Page - NEC UPC8100GR-E2 Datasheet HTML 10Page - NEC UPC8100GR-E2 Datasheet HTML 11Page - NEC UPC8100GR-E2 Datasheet HTML 12Page - NEC UPC8100GR-E2 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
µPC8100GR
Data Sheet P10817EJ3V0DS00
TYPICAL PERFORMANCE (Unless otherwise specified VCC = 2.7 V Vps
≥ 1.8 V)
– Downconverter block –
100
500
1000
5.0
10.0
15.0
RF input frequency vs. Noise figure
RF input frequency fRFin (MHZ)
Vcc = 2.7 V
LO sweep (–9 dBm)
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
100
500
1000
5.0
10.0
15.0
RF input frequency vs. Noise figure
RF input frequency fRFin (MHZ)
Vcc = 4.5 V
LO sweep (–9 dBm)
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
100
500
1000
10.0
15.0
20.0
RF input frequency vs. Conversion Gain
RF input frequency fRFin (MHZ)
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
Vcc = 2.7 V
LO sweep (–9 dBm)
RF sweep (–40 dBm)
IF = 150 MHZ
100
500
1000
10.0
15.0
25.0
RF input frequency vs. Conversion Gain
RF input frequency fRFin (MHZ)
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
Vcc = 4.5 V
LO sweep (–9 dBm)
RF sweep (–40 dBm)
IF = 150 MHZ
–27
5
LO input level vs. Conversion Gain
LO input level PLOin (dBm)
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
Vcc = 2.7 V
RF = 866 MHZ (– 40 dBm)
LO = 1016 MHZ (– 9 dBm)
–24 –21 –18 –15 –12
–9
–6
–3
0
10
15
20
25
–40
RF input level vs. IF output level and IM3
RF input level PRFin (dBm)
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
Vcc = 2.7 V
RF1 = 866.4 MHZ
LO = 1016 MHZ (–9 dBm)
RF2 = 866.8 MHZ
–30
–20
–10
0
10
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20.0


Similar Part No. - UPC8100GR-E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8100GR-E2 RENESAS-UPC8100GR-E2 Datasheet
275Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - UPC8100GR-E2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
   900 MHz SILICON MMIC DOWN CONVERTER
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
logo
Teledyne Technologies I...
AC986 TELEDYNE-AC986 Datasheet
174Kb / 2P
   800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
AC885 TELEDYNE-AC885 Datasheet
172Kb / 2P
   800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
logo
Fujitsu Component Limit...
VC-23 FUJITSU-VC-23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone VCO (800 to 2000 MHz)
logo
Panasonic Semiconductor
AN26018A PANASONIC-AN26018A Datasheet
335Kb / 14P
   LNA IC for UHF Band (400 MHz to 800 MHz) Applications
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
   Low Power 700/800/900 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com