Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRP860 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RHRP860
Description  8A, 400V - 600V Hyperfast Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRP860 Datasheet(HTML) 1 Page - Intersil Corporation

  RHRP860 Datasheet HTML 1Page - Intersil Corporation RHRP860 Datasheet HTML 2Page - Intersil Corporation RHRP860 Datasheet HTML 3Page - Intersil Corporation RHRP860 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RHRP840, RHRP860
8A, 400V - 600V Hyperfast Diodes
The RHRP840 and RHRP860 are hyperfast diodes with soft
recovery characteristics (trr < 30ns). They have half the
recovery time of ultrafast diodes and are silicon nitride
passivated ion-implanted epitaxial planar construction.
These devices are intended for use as
freewheeling/clamping diodes and rectifiers in a variety of
switching power supplies and other power switching
applications. Their low stored charge and hyperfast soft
recovery minimize ringing and electrical noise in many
power switching circuits reducing power loss in the switching
transistors.
Formerly developmental type TA49059.
Symbol
Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <30ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . 175oC
• Reverse Voltage Up To . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC TO-220AC
Ordering Information
PART NUMBER
PACKAGE
BRAND
RHRP840
TO-220AC
RHRP840
RHRP860
TO-220AC
RHRP860
NOTE: When ordering, use the entire part number.
K
A
ANODE
CATHODE
CATHODE
(FLANGE)
Absolute Maximum Ratings TC =25oC, Unless Otherwise Specified
RHRP840
RHRP860
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VRRM
400
600
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VRWM
400
600
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VR
400
600
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
(TC = 150
oC)
88
A
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM
(Square Wave, 20kHz)
16
16
A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IFSM
(Halfwave, 1 Phase, 60Hz)
100
100
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD
75
75
W
Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL
20
20
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-65 to 175
-65 to 175
oC
Data Sheet
January 2000
File Number
3668.2
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000


Similar Part No. - RHRP860

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP860 FAIRCHILD-RHRP860 Datasheet
365Kb / 5P
   8A, 400V - 600V Hyperfast Diodes
logo
Inchange Semiconductor ...
RHRP860 ISC-RHRP860 Datasheet
299Kb / 2P
   Ultra-fast Rectifier
logo
Intersil Corporation
RHRP860CC INTERSIL-RHRP860CC Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRP860 FAIRCHILD-RHRP860_11 Datasheet
484Kb / 5P
   8A,600V Hyperfast Diodes
RHRP860_F085 FAIRCHILD-RHRP860_F085 Datasheet
484Kb / 5P
   8A,600V Hyperfast Diodes
More results

Similar Description - RHRP860

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP840 FAIRCHILD-RHRP840 Datasheet
365Kb / 5P
   8A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRP860 FAIRCHILD-RHRP860_11 Datasheet
484Kb / 5P
   8A,600V Hyperfast Diodes
RHRP860_F085 FAIRCHILD-RHRP860_F085 Datasheet
484Kb / 5P
   8A,600V Hyperfast Diodes
logo
Intersil Corporation
MUR840 INTERSIL-MUR840 Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Diodes
logo
Fairchild Semiconductor
MUR840 FAIRCHILD-MUR840 Datasheet
77Kb / 5P
   8A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
RURD840 INTERSIL-RURD840 Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Diodes
logo
Fairchild Semiconductor
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
RHRD440 FAIRCHILD-RHRD440 Datasheet
353Kb / 5P
   4A, 400V - 600V Hyperfast Diodes
RHRP3040 FAIRCHILD-RHRP3040 Datasheet
341Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com