Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8001GR-E2 Datasheet(PDF) 3 Page - NEC

Part # UPC8001GR-E2
Description  IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8001GR-E2 Datasheet(HTML) 3 Page - NEC

  UPC8001GR-E2 Datasheet HTML 1Page - NEC UPC8001GR-E2 Datasheet HTML 2Page - NEC UPC8001GR-E2 Datasheet HTML 3Page - NEC UPC8001GR-E2 Datasheet HTML 4Page - NEC UPC8001GR-E2 Datasheet HTML 5Page - NEC UPC8001GR-E2 Datasheet HTML 6Page - NEC UPC8001GR-E2 Datasheet HTML 7Page - NEC UPC8001GR-E2 Datasheet HTML 8Page - NEC UPC8001GR-E2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
µPC8001
3
BLOCK DIAGRAM
Note
Input/output impedance of 455 kHz BPF: 1.5 k
Antenna
1.5 GHz
or 900 MHz
RF
Amp
1 st L-osc
1 st Mixer
2 nd L-osc
129.545 MHz
130 MHz
BPF
455 kHz
BPF
COS
CM2
CM1
CM0
OSC IN
MIX IN2
MIX OUT
FIL2
MIX IN1
CFL2
CFL3
CIF
0.01
µF
0.01
µF 0.01µF
0.01
µF
0.01
µF
0.01
µF
2 nd
Mixer
IF
Amp
RSSI
RSSI OUT
IF OUT
IF IN
FIL3
FIL1
CFL1
1000 pF
CRS
PD
GND
VCC2
VCC1
RM
1.4 k
Note
0.01
µF
0.01
µF
5
2
12
46
7
1
3
13
9
8
11
14
10


Similar Part No. - UPC8001GR-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8002 NEC-UPC8002 Datasheet
211Kb / 32P
   SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
logo
Renesas Technology Corp
UPC8002 RENESAS-UPC8002 Datasheet
339Kb / 34P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
logo
NEC
UPC8002GR NEC-UPC8002GR Datasheet
211Kb / 32P
   SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
logo
Renesas Technology Corp
UPC8002GR RENESAS-UPC8002GR Datasheet
339Kb / 34P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
logo
NEC
UPC8002GR-E1 NEC-UPC8002GR-E1 Datasheet
211Kb / 32P
   SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
More results

Similar Description - UPC8001GR-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
   Second Mixer IF for digital cellular phones
BH4138FV ROHM-BH4138FV Datasheet
127Kb / 10P
   2nd mixer and IF amplifier IC for digital cellular
logo
Toshiba Semiconductor
TA31137FNG TOSHIBA-TA31137FNG Datasheet
578Kb / 16P
   IF DETECTOR IC FOR CORDLESS AND CELLULAR PHONES
logo
Rohm
BH6039KN ROHM-BH6039KN Datasheet
208Kb / 3P
   Power management IC for cellular phones
logo
Sony Corporation
CXA3329ER SONY-CXA3329ER Datasheet
126Kb / 14P
   Analog Signal Processor TX-IF IC for W-CDMA Cellular Phones
CXA3328TN SONY-CXA3328TN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
logo
LSI Computer Systems
BU8776KN LSI-BU8776KN Datasheet
76Kb / 2P
   PCM CODEC for Digital cellular phones
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
logo
OmniVision Technologies...
OV6211 OMNIVISION-OV6211 Datasheet
1Mb / 2P
   Cellular Phones
logo
Guangdong Youtai Semico...
ESD05V52D UMW-ESD05V52D Datasheet
800Kb / 3P
   Cellular phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com