Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMP04 Datasheet(PDF) 6 Page - Analog Devices

Part # CMP04
Description  Quad Low Power, Precision Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP04 Datasheet(HTML) 6 Page - Analog Devices

  CMP04_15 Datasheet HTML 1Page - Analog Devices CMP04_15 Datasheet HTML 2Page - Analog Devices CMP04_15 Datasheet HTML 3Page - Analog Devices CMP04_15 Datasheet HTML 4Page - Analog Devices CMP04_15 Datasheet HTML 5Page - Analog Devices CMP04_15 Datasheet HTML 6Page - Analog Devices CMP04_15 Datasheet HTML 7Page - Analog Devices CMP04_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. D
CMP04
–6–
+VIN
1/4
CMP04
VO
V+
V+
0
t0
t1
PW
1ms
0.01 F
1M
1M
1N914
1M
1N914
100pF
V+
0
t0
10k
Figure 10. One-Shot Multivibrator
1/4
CMP04
V+
f
39k
1k
A
100k
3k
1k
0.375V
100k
100k
B
C
1 = A • B • C
V+
0
01
Figure 11. AND Gate
+VIN
1/4
CMP04
VO
V+
V+
0
t0
t1
T
T = 0.3ms
1M
100k
4V
0
1S
10M
100pF
1M
560k
1/4
CMP04
10M
15k
240k
62k
100k
Figure 14. One-Shot Multivibrator with Input Lockout
1/4
CMP04
V+
V+
0
t0
t1
t2
15k
D2
1N914
80pF
R2
100k
D1
1N914
R1
1M
1M
1M
1M
V+
FOR LARGE RATIOS OF R1/R2,
D1 CAN BE OMITTED.
Figure 12. Pulse Generator
1/4
CMP04
V+
f
200k
1k
A
100k
V+
0
3k
1k
0.075V
100k
100k
B
C
1 = A + B + C
01
Figure 13. OR Gate


Similar Part No. - CMP04_15

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMP0417AA0-F70I FIDELIX-CMP0417AA0-F70I Datasheet
192Kb / 10P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA0-I FIDELIX-CMP0417AA0-I Datasheet
192Kb / 10P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA1 FIDELIX-CMP0417AA1 Datasheet
215Kb / 12P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA2 FIDELIX-CMP0417AA2 Datasheet
215Kb / 12P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA4 FIDELIX-CMP0417AA4 Datasheet
215Kb / 12P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - CMP04_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CMP04 AD-CMP04 Datasheet
275Kb / 8P
   Quad Low Power, Precision Comparator
REV. D
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
   LOW POWER QUAD COMPARATOR
logo
NEC
UPC339 NEC-UPC339 Datasheet
61Kb / 12P
   LOW POWER QUAD COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
   Low Power Quad Comparator
logo
Gamma Microelectronics ...
GM339 GAMMA-GM339 Datasheet
125Kb / 7P
   LOW POWER QUAD DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
LP339 NSC-LP339 Datasheet
228Kb / 11P
   Ultra-Low Power Quad Comparator
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
   Low power quad voltage comparator
logo
Texas Instruments
LP2901-Q1 TI-LP2901-Q1 Datasheet
154Kb / 8P
[Old version datasheet]   LOW-POWER QUAD DIFFERENTIAL COMPARATOR
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_07 Datasheet
547Kb / 13P
   Low power quad voltage comparator
logo
Texas Instruments
LP339 TI1-LP339 Datasheet
274Kb / 14P
[Old version datasheet]   Ultra-Low Power Quad Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com