Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG7590 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RHRG7590
Description  75A, 700V - 1000V Hyperfast Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRG7590 Datasheet(HTML) 2 Page - Intersil Corporation

  RHRG7590 Datasheet HTML 1Page - Intersil Corporation RHRG7590 Datasheet HTML 2Page - Intersil Corporation RHRG7590 Datasheet HTML 3Page - Intersil Corporation RHRG7590 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Specifications
TC = +25
oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
RHRG7570
RHRG7580
RHRG7590
RHRG75100
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VF
IF = 75A, TC = +25
oC
-
-
3.0
-
-
3.0
-
-
3.0
-
-
3.0
V
IF = 75A, TC = +150
oC
-
-
2.5
-
-
2.5
-
-
2.5
-
-
2.5
V
IR
VR = 700V, TC = +25
oC
-
-
500
---------
µA
VR = 800V, TC = +25
oC
-----
500
------
µA
VR = 900V, TC = +25
oC
--------
500
---
µA
VR = 1000V, TC = +25
oC
-----------
500
µA
IR
VR = 700V, TC = +150
oC
-
-
2.0
---------
mA
VR = 800V, TC = +150
oC
-----
2.0
------
mA
VR = 900V, TC = +150
oC
--------
2.0
---
mA
VR = 1000V, TC = +150
oC
-----------
2.0
mA
tRR
IF = 1A, dIF/dt = 100A/µs
-
-85-
-85-
-85-
-85
ns
IF = 75A, dIF/dt = 100A/µs
-
-
100
-
-
100
-
-
100
-
-
100
ns
tA
IF = 75A, dIF/dt = 100A/µs
-
55
-
-
55
-
-
55
-
-
55
-
ns
tB
IF = 75A, dIF/dt = 100A/µs
-
40
-
-
40
-
-
40
-
-
40
-
ns
QRR
IF = 75A, dIF/dt = 100A/µs
-
240
-
-
240
-
-
240
-
-
240
-
nC
CJ
VR = 10V, IF = 0A
-
220
-
-
220
-
-
220
-
-
220
-
pF
RθJC
-
-
0.8
-
-
0.8
-
-
0.8
-
-
0.8
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
tRR = Reverse recovery time (Figure 2), summation of tA + tB.
tA = Time to reach peak reverse current (See Figure 2).
tB = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 2).
QRR = Reverse recovery charge.
CJ = Junction capacitance.
RθJC = Thermal resistance junction to case.
EAVL = Controlled avalanche energy. (See Figures 10 and 11).
pw = pulse width.
D = duty cycle.
FIGURE 1. tRR TEST CIRCUIT
FIGURE 2. tRR WAVEFORMS AND DEFINITIONS
C1
LLOOP
DUT
Q3
R3
Q4
Q2
R1
R2
-V4
Q1
-V2
0
0
+V1
t1
t2
t3
R4
+V3
V1 AMPLITUDE CONTROLS IF
V2 AMPLITUDE CONTROLS dIF/dt
L1 = SELF INDUCTANCE OF
t1 ≥ 5tA(MAX)
t2 > tRR
t3 > 0
L1
R4
tA(MIN)
10
R4 + LLOOP
dt
dIF
IF
tRR
tA
tB
0
IRM
0.25 IRM
VR
VRM
RHRG7570, RHRG7580, RHRG7590, RHRG75100


Similar Part No. - RHRG7590

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
   75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
   75A, 1200V Hyperfast Diode
logo
Inchange Semiconductor ...
RHRG75120 ISC-RHRG75120 Datasheet
283Kb / 2P
   Ultra fast Rectifier
logo
Intersil Corporation
RHRG7560 INTERSIL-RHRG7560 Datasheet
46Kb / 4P
   75A, 600V Hyperfast Diode
More results

Similar Description - RHRG7590

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRU7570 INTERSIL-RHRU7570 Datasheet
60Kb / 4P
   75A, 700V - 1000V Hyperfast Diodes
RHRU5070 INTERSIL-RHRU5070 Datasheet
56Kb / 4P
   50A, 700V - 1000V Hyperfast Diodes
RHRU7540 INTERSIL-RHRU7540 Datasheet
60Kb / 4P
   75A, 400V - 600V Hyperfast Diodes
RURU15070 INTERSIL-RURU15070 Datasheet
48Kb / 4P
   150A, 700V - 1000V Ultrafast Diodes
RHRU15090 INTERSIL-RHRU15090 Datasheet
39Kb / 3P
   150A, 900V - 1000V Hyperfast Diodes
RURG3070CC INTERSIL-RURG3070CC Datasheet
31Kb / 3P
   30A, 700V - 1000V Ultrafast Dual Diodes
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
   75A, 1200V Hyperfast Diode
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
   75A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
   75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG7560 INTERSIL-RHRG7560 Datasheet
46Kb / 4P
   75A, 600V Hyperfast Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com