Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC79M15HF Datasheet(PDF) 7 Page - NEC

Part # UPC79M15HF
Description  THREE TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC79M15HF Datasheet(HTML) 7 Page - NEC

Back Button UPC79M15HF Datasheet HTML 3Page - NEC UPC79M15HF Datasheet HTML 4Page - NEC UPC79M15HF Datasheet HTML 5Page - NEC UPC79M15HF Datasheet HTML 6Page - NEC UPC79M15HF Datasheet HTML 7Page - NEC UPC79M15HF Datasheet HTML 8Page - NEC UPC79M15HF Datasheet HTML 9Page - NEC UPC79M15HF Datasheet HTML 10Page - NEC UPC79M15HF Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
µPC79M00 Series
7
TJ =
− 20 °C
+ 25 °C
+ 125 °C
∆VO = 2
VO
IOpeak VS VDIF
VDIF
− Input to Output Voltage Differential − V
1.5
1.0
0.5
010
20
30
LINE TRANSIENT RESPONSE ( PC79M05)
t
− Time − s
− 15
− 20
− 10
− 0.5
0
0.5
020
40
60
80
RO VS f ( PC79M05)
f
− Frequency - Hz
10
1
0.1
0.01
0.001
10
100
1 k
10 k
100 k
VIN =
−10 V
300 mA
≤IO≤400 mA
CIN = 2.2 F
COUT = 1 F
0.5
1.0
0
0.1
0
− 0.1
020
40
60
80
VIN =
−10 V
COUT = 1 F
IO = 350 mA
COUT = 1 F
µ
µ
µ
µ
µ
LOAD TRANSIENT RESPONSE ( PC79M05)
t
− Time − s
µ
µ
µ
µ


Similar Part No. - UPC79M15HF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC79M15HF RENESAS-UPC79M15HF Datasheet
368Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
UPC79M15HF-AZ RENESAS-UPC79M15HF-AZ Datasheet
368Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results

Similar Description - UPC79M15HF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
   Three-terminal Negative Voltage Regulator
logo
Jiangsu Changjiang Elec...
CJ79L09 JIANGSU-CJ79L09 Datasheet
3Mb / 4P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
   Three-Terminal Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com