Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC7924AHF Datasheet(PDF) 6 Page - NEC

Part # UPC7924AHF
Description  THREE TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC7924AHF Datasheet(HTML) 6 Page - NEC

Back Button UPC7924AHF Datasheet HTML 2Page - NEC UPC7924AHF Datasheet HTML 3Page - NEC UPC7924AHF Datasheet HTML 4Page - NEC UPC7924AHF Datasheet HTML 5Page - NEC UPC7924AHF Datasheet HTML 6Page - NEC UPC7924AHF Datasheet HTML 7Page - NEC UPC7924AHF Datasheet HTML 8Page - NEC UPC7924AHF Datasheet HTML 9Page - NEC UPC7924AHF Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
µPC7900A Series
6
µPC7918A
(VIN = –27 V, IO = 500 mA, 0 ˚C
TJ +125 ˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
TJ = 25 ˚C
–17.3
–18
–18.7
V
–21 V
≤ VIN ≤ –33 V, 5 mA ≤ IO ≤ 1 A,
–17.1
–18.9
PT
≤ 15 W
–30 ˚C
≤ TJ ≤ +125 ˚C
–17.1
–18.9
Line Regulation
REGIN
TJ = 25 ˚C, –21 V
≤ VIN ≤ –33 V
60
240
mV
TJ = 25 ˚C, –24 V
≤ VIN ≤ –30 V
30
120
Load Regulation
REGL
TJ = 25 ˚C, 5 mA
≤ IO ≤ 1.5 A
125
360
mV
TJ = 25 ˚C, 250 mA
≤ IO ≤ 750 mA
47
180
Quiescent Current
IBIAS
TJ = 25 ˚C
4.1
6.5
mA
Quiescent Current Change
∆IBIAS
–21 V
≤ VIN ≤ –33 V
1.0
mA
5 mA
≤ IO ≤ 1 A
0.5
Output Noize Voltage
Vn
TJ = 25 ˚C, 10 Hz
≤ f ≤ 100 kHz
190
µVr.m.s
Ripple Rejection
R•R
TJ = 25 ˚C, f = 120 Hz, –22 V
≤ VIN ≤ –32 V,
45
53
dB
IO = 500 mA
Dropout Voltage
VDIF
TJ = 25 ˚C, IO = 1 A
1.2
V
Peak Output Current
IOpeak
TJ = 25 ˚C
1.6
2.2
2.8
A
Temperature Coefficient
|
∆VO/∆T|
IO = 5 mA
0.24
mV/˚C
of Output Voltage
µPC7924A
(VIN = –33 V, IO = 500 mA, 0 ˚C
TJ +125 ˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
TJ = 25 ˚C
–23.0
–24
–25.0
V
–27 V
≤ VIN ≤ –38 V, 5 mA ≤ IO ≤ 1 A,
–22.8
–25.2
PT
≤ 15 W
–30 ˚C
≤ TJ ≤ +125 ˚C
–22.8
–25.2
Line Regulation
REGIN
TJ = 25 ˚C, –27 V
≤ VIN ≤ –38 V
70
280
mV
TJ = 25 ˚C, –30 V
≤ VIN ≤ –36 V
37
140
Load Regulation
REGL
TJ = 25 ˚C, 5 mA
≤ IO ≤ 1.5 A
160
480
mV
TJ = 25 ˚C, 250 mA
≤ IO ≤ 750 mA
60
240
Quiescent Current
IBIAS
TJ = 25 ˚C
4.2
6.5
mA
Quiescent Current Change
∆IBIAS
–27 V
≤ VIN ≤ –38 V
1.0
mA
5 mA
≤ IO ≤ 1 A
0.5
Output Noize Voltage
Vn
TJ = 25 ˚C, 10 Hz
≤ f ≤ 100 kHz
240
µVr.m.s
Ripple Rejection
R•R
TJ = 25 ˚C, f = 120 Hz, –28 V
≤ VIN ≤ –38 V,
43
49
dB
IO = 500 mA
Dropout Voltage
VDIF
TJ = 25 ˚C, IO = 1 A
1.2
V
Peak Output Current
IOpeak
TJ = 25 ˚C
1.6
2.2
2.8
A
Temperature Coefficient
|
∆VO/∆T|
IO = 5 mA
1.1
mV/˚C
of Output Voltage


Similar Part No. - UPC7924AHF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC7924AHF RENESAS-UPC7924AHF Datasheet
292Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results

Similar Description - UPC7924AHF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
   Three-terminal Negative Voltage Regulator
logo
Jiangsu Changjiang Elec...
CJ79L09 JIANGSU-CJ79L09 Datasheet
3Mb / 4P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
   Three-Terminal Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com