Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG50120 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RHRG50120
Description  50A, 1200V Hyperfast Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRG50120 Datasheet(HTML) 2 Page - Intersil Corporation

  RHRG50120 Datasheet HTML 1Page - Intersil Corporation RHRG50120 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
VF
IF = 50A
-
-
3.2
V
IF = 50A, TC = 150
oC
-
-
2.6
V
IR
VR = 1200V
-
-
500
µA
VR = 1200V, TC = 150
oC
-
-
1.0
mA
trr
IF = 1A, dIF/dt = 200A/µs-
-
85
ns
IF = 50A, dIF/dt = 200A/µs
-
-
100
ns
ta
IF = 50A, dIF/dt = 200A/µs
-
50
-
ns
tb
IF = 50A, dIF/dt = 200A/µs
-
35
-
ns
QRR
IF = 50A, dIF/dt = 200A/µs
-
400
-
nC
CJ
VR = 10V, IF = 0A
-
150
-
pF
RθJC
-
-
1.0
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
trr =Re


Similar Part No. - RHRG50120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG50100 INTERSIL-RHRG50100 Datasheet
38Kb / 3P
   50A, 1000V Hyperfast Diode
More results

Similar Description - RHRG50120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRU50120 INTERSIL-RHRU50120 Datasheet
59Kb / 4P
   50A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
   50A, 600V Hyperfast Diode
logo
Intersil Corporation
RURG50120 INTERSIL-RURG50120 Datasheet
49Kb / 4P
   50A, 1200V Ultrafast Diode
RHRG50100 INTERSIL-RHRG50100 Datasheet
38Kb / 3P
   50A, 1000V Hyperfast Diode
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
   50A, 600V Hyperfast Diode
RURU50120 INTERSIL-RURU50120 Datasheet
50Kb / 4P
   50A, 1200V Ultrafast Diode
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
   8A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG30120 FAIRCHILD-RHRG30120 Datasheet
74Kb / 4P
   30A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG30120 INTERSIL-RHRG30120 Datasheet
31Kb / 3P
   30A, 1200V Hyperfast Diode
RHRP15120 INTERSIL-RHRP15120 Datasheet
48Kb / 4P
   15A, 1200V Hyperfast Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com