Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG3060CC Datasheet(PDF) 2 Page - Intersil Corporation

Part # RHRG3060CC
Description  30A, 400V - 600V Hyperfast Dual Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRG3060CC Datasheet(HTML) 2 Page - Intersil Corporation

  RHRG3060CC Datasheet HTML 1Page - Intersil Corporation RHRG3060CC Datasheet HTML 2Page - Intersil Corporation RHRG3060CC Datasheet HTML 3Page - Intersil Corporation RHRG3060CC Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3-2
Electrical Specifications
(Per Leg) TC = 25
oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
RHRG3040CC
RHRG3060CC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VF
IF = 30A
-
-
2.1
-
-
2.1
V
IF = 30A, TC = 150
oC
-
-
1.7
-
-
1.7
V
IR
VR = 400V
-
-
250
-
-
-
µA
VR = 600V
-
-
-
-
-
250
µA
VR = 400V, TC = 150
oC
-
-
1.0
-
-
-
mA
VR = 600V, TC = 150
oC
-
-
-
-
-
1.0
mA
trr
IF = 1A, dIF/dt = 200A/µs-
-
40
-
-
40
ns
IF = 30A, dIF/dt = 200A/µs-
-
45
-
-
45
ns
ta
IF = 30A, dIF/dt = 200A/µs
-
22
-
-
22
-
ns
tb
IF = 30A, dIF/dt = 200A/µs
-
18
-
-
18
-
ns
QRR
IF = 30A, dIF/dt = 200A/µs
-
100
-
-
100
-
nC
CJ
VR = 10V, IF = 0A
-
85
-
-
85
-
pF
RθJC
-
-
1.2
-
-
1.2
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
trr = Reverse recovery time (See Figure 9), summation of ta +tb.
ta = Time to reach peak reverse current (See Figure 9).
tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 9).
QRR = Reverse recovery charge.
CJ = Junction Capacitance.
RθJC = Thermal resistance junction to case.
pw = pulse width.
D = duty cycle.
Typical Performance Curves
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
VF, FORWARD VOLTAGE (V)
1
100
10
01
2
175oC
300
34
25oC
100oC
VR, REVERSE VOLTAGE (V)
0
200
400
600
300
500
2000
0.01
0.1
100
10
100
100oC
175oC
1
25oC
RHRG3040CC, RHRG3060CC


Similar Part No. - RHRG3060CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG3060CC FAIRCHILD-RHRG3060CC Datasheet
339Kb / 5P
   30A, 400V - 600V Hyperfast Dual Diodes
logo
Inchange Semiconductor ...
RHRG3060CC ISC-RHRG3060CC Datasheet
250Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - RHRG3060CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG3040CC FAIRCHILD-RHRG3040CC Datasheet
339Kb / 5P
   30A, 400V - 600V Hyperfast Dual Diodes
RHRP3040 FAIRCHILD-RHRP3040 Datasheet
341Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRG3040 INTERSIL-RHRG3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
RHRP3040 INTERSIL-RHRP3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
logo
Fairchild Semiconductor
RHRG3040 FAIRCHILD-RHRG3040 Datasheet
342Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Intersil Corporation
RHRD440CC INTERSIL-RHRD440CC Datasheet
50Kb / 4P
   4A, 400V - 600V Hyperfast Dual Diodes
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
RHRP640CC INTERSIL-RHRP640CC Datasheet
82Kb / 5P
   6A, 400V - 600V Hyperfast Dual Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com