Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG30120 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RHRG30120
Description  30A, 1200V Hyperfast Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRG30120 Datasheet(HTML) 3 Page - Intersil Corporation

  RHRG30120 Datasheet HTML 1Page - Intersil Corporation RHRG30120 Datasheet HTML 2Page - Intersil Corporation RHRG30120 Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
FIGURE 3. trr,ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. CURRENT DERATING CURVE
Typical Performance Curves (Continued)
100
75
50
25
0
1
IF, FORWARD CURRENT (A)
10
30
trr
ta
tb
40
30
20
10
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
SQ. WAVE
DC
Test Circuits and Waveforms
FIGURE 5. trr TEST CIRCUIT
FIGURE 6. trr WAVEFORMS AND DEFINITIONS
FIGURE 7. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 8. AVALANCHE CURRENT AND VOLTAGE
WAVEFORMS
RG
L
VDD
IGBT
CURRENT
SENSE
DUT
VGE
t1
t2
VGE AMPLITUDE AND
t1 AND t2 CONTROL IF
RG CONTROL dIF/dt
+
-
dt
dIF
IF
trr
ta
tb
0
IRM
0.25 IRM
DUT
CURRENT
SENSE
+
LR
VDD
R < 0.1
EAVL = 1/2LI
2 [V
R(AVL)/(VR(AVL) - VDD)]
Q1 = IGBT (BVCES > DUT VR(AVL))
-
VDD
Q1
IMAX = 1.225A
L = 40mH
IV
t0
t1
t2
IL
VAVL
t
IL
RHRG30120


Similar Part No. - RHRG30120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG30120 FAIRCHILD-RHRG30120 Datasheet
74Kb / 4P
   30A, 1200V Hyperfast Diode
logo
Thinki Semiconductor Co...
RHRG30120 THINKISEMI-RHRG30120 Datasheet
1Mb / 3P
   30 Ampere,1200Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
RHRG30120 ISC-RHRG30120 Datasheet
372Kb / 2P
   Hyperfast Diode
logo
Intersil Corporation
RHRG30120CC INTERSIL-RHRG30120CC Datasheet
32Kb / 3P
   30A, 1200V Hyperfast Dual Diode
More results

Similar Description - RHRG30120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG30120 FAIRCHILD-RHRG30120 Datasheet
74Kb / 4P
   30A, 1200V Hyperfast Diode
RHRP30120 FAIRCHILD-RHRP30120 Datasheet
74Kb / 4P
   30A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRP30120 INTERSIL-RHRP30120 Datasheet
31Kb / 3P
   30A, 1200V Hyperfast Diode
RHRG30120CC INTERSIL-RHRG30120CC Datasheet
32Kb / 3P
   30A, 1200V Hyperfast Dual Diode
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
   8A, 1200V Hyperfast Diode
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
   50A, 1200V Hyperfast Diode
RHRU50120 INTERSIL-RHRU50120 Datasheet
59Kb / 4P
   50A, 1200V Hyperfast Diode
RHRP15120 INTERSIL-RHRP15120 Datasheet
48Kb / 4P
   15A, 1200V Hyperfast Diode
RHRU100120 INTERSIL-RHRU100120 Datasheet
40Kb / 3P
   100A, 1200V Hyperfast Diode
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
   75A, 1200V Hyperfast Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com