Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG30120 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RHRG30120
Description  30A, 1200V Hyperfast Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRG30120 Datasheet(HTML) 1 Page - Intersil Corporation

  RHRG30120 Datasheet HTML 1Page - Intersil Corporation RHRG30120 Datasheet HTML 2Page - Intersil Corporation RHRG30120 Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
File Number
3410.3
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
RHRG30120
30A, 1200V Hyperfast Diode
The RHRG30120 is a hyperfast diode with soft recovery
characteristics (trr < 65ns). It has half the recovery time of
ultrafast diodes and is of silicon nitride passivated
ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping
diode and rectifier in a variety of high frequency switching
power supplies and other power switching applications. Its
low stored charge and hyperfast soft recovery minimize
ringing and electrical noise in many power switching circuits,
thus reducing power loss in the switching transistors.
Formerly developmental type TA49041.
Symbol
Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <65ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
RHRG30120
TO-247
RHRG30120
NOTE: When ordering, use the entire part number.
K
A
CATHODE
CATHODE
ANODE
METAL)
(BOTTOM SIDE
Absolute Maximum Ratings TC = 25oC
RHRG30120
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
1200
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM
1200
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR
1200
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
30
A
(TC = 78
oC)
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM
60
A
(Square Wave, 20kHz)
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM
300
A
(Halfwave, 1 Phase, 60Hz)
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
125
W
Avalanche Energy (See Figures 7 and 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL
30
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-65 to 175
oC
Data Sheet
January 2000


Similar Part No. - RHRG30120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG30120 FAIRCHILD-RHRG30120 Datasheet
74Kb / 4P
   30A, 1200V Hyperfast Diode
logo
Thinki Semiconductor Co...
RHRG30120 THINKISEMI-RHRG30120 Datasheet
1Mb / 3P
   30 Ampere,1200Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
RHRG30120 ISC-RHRG30120 Datasheet
372Kb / 2P
   Hyperfast Diode
logo
Intersil Corporation
RHRG30120CC INTERSIL-RHRG30120CC Datasheet
32Kb / 3P
   30A, 1200V Hyperfast Dual Diode
More results

Similar Description - RHRG30120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG30120 FAIRCHILD-RHRG30120 Datasheet
74Kb / 4P
   30A, 1200V Hyperfast Diode
RHRP30120 FAIRCHILD-RHRP30120 Datasheet
74Kb / 4P
   30A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRP30120 INTERSIL-RHRP30120 Datasheet
31Kb / 3P
   30A, 1200V Hyperfast Diode
RHRG30120CC INTERSIL-RHRG30120CC Datasheet
32Kb / 3P
   30A, 1200V Hyperfast Dual Diode
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
   8A, 1200V Hyperfast Diode
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
   50A, 1200V Hyperfast Diode
RHRU50120 INTERSIL-RHRU50120 Datasheet
59Kb / 4P
   50A, 1200V Hyperfast Diode
RHRP15120 INTERSIL-RHRP15120 Datasheet
48Kb / 4P
   15A, 1200V Hyperfast Diode
RHRU100120 INTERSIL-RHRU100120 Datasheet
40Kb / 3P
   100A, 1200V Hyperfast Diode
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
   75A, 1200V Hyperfast Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com