Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG1560CC Datasheet(PDF) 1 Page - Intersil Corporation

Part # RHRG1560CC
Description  15A, 400V - 600V Hyperfast Dual Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRG1560CC Datasheet(HTML) 1 Page - Intersil Corporation

  RHRG1560CC Datasheet HTML 1Page - Intersil Corporation RHRG1560CC Datasheet HTML 2Page - Intersil Corporation RHRG1560CC Datasheet HTML 3Page - Intersil Corporation RHRG1560CC Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RHRG1540CC, RHRG1560CC
15A, 400V - 600V Hyperfast Dual Diodes
The RHRG1540CC and RHRG1560CC are hyperfast dual
diodes with soft recovery characteristics (trr < 35ns). They
have half the recovery time of ultrafast diodes and are silicon
nitride passivated ion-implanted epitaxial planar
construction.
These devices are intended for use as freewheeling/
clamping diodes and rectifiers in a variety of switching power
supplies and other power switching applications. Their low
stored charge and hyperfast soft recovery minimize ringing
and electrical noise in many power switching circuits
reducing power loss in the switching transistors.
Formerly developmental type TA49061.
Symbol
Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . < 35ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC
• Reverse Voltage Up To . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
RHRG1540CC
TO-247
RHRG1540C
RHRG1560CC
TO-247
RHRG1560C
NOTE: When ordering, use the entire part number.
K
A1
A2
CATHODE
(BOTTOM SIDE
ANODE 1
CATHODE
ANODE 2
METAL)
Absolute Maximum Ratings (Per Leg) TC = 25oC, Unless Otherwise Specified
RHRG1540CC
RHRG1560CC
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
400
600
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM
400
600
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR
400
600
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
(TC = 140
oC)
15
15
A
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IFRM
(Square Wave, 20kHz)
30
30
A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IFSM
(Halfwave, 1 Phase, 60Hz)
200
200
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
100
100
W
Avalanche Energy (See Figure 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL
20
20
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-65 to 175
-65 to 175
oC
Data Sheet
January 2000
File Number
3684.2
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000


Similar Part No. - RHRG1560CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG1560CC FAIRCHILD-RHRG1560CC Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
RHRG1560CC FAIRCHILD-RHRG1560CC Datasheet
383Kb / 6P
   15A, 600V Hyperfast Rectifier
RHRG1560CC_F085 FAIRCHILD-RHRG1560CC_F085 Datasheet
383Kb / 6P
   15A, 600V Hyperfast Rectifier
More results

Similar Description - RHRG1560CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
RHRP1540 FAIRCHILD-RHRP1540 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG3040CC FAIRCHILD-RHRG3040CC Datasheet
339Kb / 5P
   30A, 400V - 600V Hyperfast Dual Diodes
logo
Intersil Corporation
RHRD440CC INTERSIL-RHRD440CC Datasheet
50Kb / 4P
   4A, 400V - 600V Hyperfast Dual Diodes
RHRP640CC INTERSIL-RHRP640CC Datasheet
82Kb / 5P
   6A, 400V - 600V Hyperfast Dual Diodes
RHRG3040CC INTERSIL-RHRG3040CC Datasheet
47Kb / 4P
   30A, 400V - 600V Hyperfast Dual Diodes
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
   15A, 400V - 600V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
   15A, 400V - 600V Ultrafast Dual Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com