Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG15120CC Datasheet(PDF) 2 Page - Intersil Corporation

Part # RHRG15120CC
Description  15A, 1200V Hyperfast Dual Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRG15120CC Datasheet(HTML) 2 Page - Intersil Corporation

  RHRG15120CC Datasheet HTML 1Page - Intersil Corporation RHRG15120CC Datasheet HTML 2Page - Intersil Corporation RHRG15120CC Datasheet HTML 3Page - Intersil Corporation RHRG15120CC Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Specifications (Per Leg) TC = 25oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
VF
IF = 15A
-
-
3.2
V
IF = 15A, TC = 150
oC
-
-
2.6
V
IR
VR = 1200V
-
-
100
µA
VR = 1200V, TC = 150
oC
-
-
500
µA
trr
IF = 1A, dIF/dt = 100A/µs-
-
65
ns
IF = 15A, dIF/dt = 100A/µs-
-
75
ns
ta
IF = 15A, dIF/dt = 100A/µs
-
36
-
ns
tb
IF = 15A, dIF/dt = 100A/µs
-
28
-
ns
QRR
IF = 15A, dIF/dt = 100A/µs
-
150
-
nC
CJ
VR = 10V, IF = 0A
-
55
-
pF
RθJC
-
-
1.5
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
trr = Reverse recovery time (See Figure 9), summation of ta + tb.
ta = Time to reach peak reverse current (See Figure 9).
tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 9).
QRR = Reverse recovery charge.
CJ = Junction capacitance.
RθJC = Thermal resistance junction to case.
pw = pulse width.
D = duty cycle.
Typical Performance Curves
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
VF, FORWARD VOLTAGE (V)
1
100
0.5
10
01
2
3
5
4
25oC
100oC
175oC
VR, REVERSE VOLTAGE (V)
0
400
800
1200
600
1000
1000
0.01
0.1
1
10
200
100
100oC
25oC
175oC
RHRG15120CC


Similar Part No. - RHRG15120CC

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RHRG15120 ISC-RHRG15120 Datasheet
396Kb / 2P
   Hyperfast Dual Diode
More results

Similar Description - RHRG15120CC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRP15120 INTERSIL-RHRP15120 Datasheet
48Kb / 4P
   15A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRP15120 FAIRCHILD-RHRP15120 Datasheet
347Kb / 5P
   15A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRP6120CC INTERSIL-RHRP6120CC Datasheet
97Kb / 5P
   6A, 1200V Hyperfast Dual Diode
RHRP8120CC INTERSIL-RHRP8120CC Datasheet
49Kb / 4P
   8A, 1200V Hyperfast Dual Diode
RHRG30120CC INTERSIL-RHRG30120CC Datasheet
32Kb / 3P
   30A, 1200V Hyperfast Dual Diode
RHRG15100CC INTERSIL-RHRG15100CC Datasheet
49Kb / 4P
   15A, 1000V Hyperfast Dual Diode
RURG15120CC INTERSIL-RURG15120CC Datasheet
49Kb / 4P
   15A, 1200V Ultrafast Dual Diode
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
   8A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG30120 FAIRCHILD-RHRG30120 Datasheet
74Kb / 4P
   30A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
   50A, 1200V Hyperfast Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com