Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZM9.1N Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # PZM9.1N
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PZM9.1N Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  PZM9.1N Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd PZM9.1N Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd PZM9.1N Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd PZM9.1N Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd PZM9.1N Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Features
Total power dissipation: max. 300 mW
Small plastic package suitable for surface mounted design
Wide working voltage range:nom. 2.4 to 75 V
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
1.anode
2.not connected
3.cathode
2
n.c.
1
3
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Continuous forward current
IF
250
mA
Peak forward surge current (Note.1)
IZSM
see Tables 1and 2
Power Dissipation
PD
300
mW
Thermal Resistance Junction to soldering point Ts = 60 °C
RθJ-S
300
Junction Temperature
TJ
150
Storage temperature range
Tstg
-65 to 150
Note.1: tp = 100 μs; square wave; Tj = 25 °C prior to surge
K/W
Zener Diodes
PZM-N Series (KZM-N Series)


Similar Part No. - PZM9.1N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZM9.1N PHILIPS-PZM9.1N Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
PZM9.1NB PHILIPS-PZM9.1NB Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
PZM9.1NB1 PHILIPS-PZM9.1NB1 Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
PZM9.1NB2 PHILIPS-PZM9.1NB2 Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
PZM9.1NB2A PHILIPS-PZM9.1NB2A Datasheet
59Kb / 12P
   Voltage regulator double diodes
1999 Jun 11
More results

Similar Description - PZM9.1N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com