Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431K-3 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TL431K-3
Description  Adjustable Accurate Reference Source
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TL431K-3 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  TL431K-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd TL431K-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TL431K-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
IC
Typical Characterisitics
-40
-20
0
20
40
60
80
100
0
10
20
30
40
0
5
10
15
20
25
30
35
40
-20
-16
-12
-8
-4
0
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
KA=36V
V
ref=0V
Off-State Cathode Current
versus Ambient Temperature
T
a, AMBIENT TEMPERATURE
( )
I
K=10mA
T
a=25
Change in Reference Input
Voltage versus Cathode Voltage
V
KA, CATHODE VOLTAGE
(V)
I
K=10mA
R
1=10KΩ
Reference Input Current versus
Ambient Temperature
T
a, AMBIENT TEMPERATURE
( )
Test Circuit for VKA=Vref(1+R1/R2)+R1*Iref
Test Circuit for Iref
Test Circuit for Ioff
Adjustable Accurate Reference Source
TL431K (KL431K)


Similar Part No. - TL431K-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TL431K-8 KEXIN-TL431K-8 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Unisonic Technologies
TL431K-AB3-R UTC-TL431K-AB3-R Datasheet
87Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
TL431K-AB3-R UTC-TL431K-AB3-R Datasheet
242Kb / 7P
   PROGRAMMABLE PRECISION REFERENCE
TL431K-AB3-R UTC-TL431K-AB3-R Datasheet
273Kb / 7P
   4PROGRAMMABLE PRECISION REFERENCE
More results

Similar Description - TL431K-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
   Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
   Adjustable Accurate Reference Source
logo
Guangdong Kexin Industr...
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
   Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CJ431K JIANGSU-CJ431K Datasheet
839Kb / 6P
   Adjustable Accurate Reference Source
CK431K JIANGSU-CK431K Datasheet
1Mb / 5P
   Adjustable Accurate Reference Source
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
   Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
   Adjustable Accurate Reference Source
logo
List of Unclassifed Man...
CJ431 ETC-CJ431 Datasheet
1Mb / 2P
   ADJUSTABLE ACCURATE REFERENCE SOURCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com