Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UPC8001 Datasheet(PDF) 1 Page - NEC

Part No. UPC8001
Description  IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

 
 1 page
background image
©
1992
DATA SHEET
The
µPC8001 is a 3-volt IF amplifier IC with an on-chip mixer developed for digital cellular phones.
The
µPC8001 consists of a high-sensitivity limiter amplifier with an input frequency of 455 kHz, a high-speed
and high-precision linear RSSI (received signal strength indicator ), and a second mixer with an input frequency
of 80 to 150 MHz.
The
µPC8001 features a low 3 mA (TYP.) and 2.2 µA (TYP.) current consumption at normal operation and
power-OFF, respectively. Its high-speed charge/discharge circuit enables fast power-ON/OFF switching.
The
µPC8001 boasts an extremely small size packaged in a 14-pin plastic shrink SOP, and low external
capacitances of less than 0.01
µF, in addition to an on-chip RSSI output resistor, and is most suitable for
high-density mounting.
FEATURES
Low-voltage operation…3 V
±10%
Low power consumption…(VCC = 3 V)
Mixer
IF amp. + RSSI
During operation
2.1 mA (TYP.)
0.95 mA (TYP.)
At power-OFF
0
µA (TYP.)
2.2
µA (TYP.)
High limiting sensitivity…–91 dBm (TYP.)
High-precision RSSI linearity…
±0.5 dB (TYP.) (VIF IN = –86 to –6 dBm)
High-speed RSSI response time
RSSI output rise time
77
µs (TYP.)
RSSI output fall time
113
µs (TYP.)
High-speed power-ON/OFF switching time
Rise time at power-ON
174
µs (TYP.)
Fall time at power-OFF
3
µs (TYP.)
External capacitors of less than 0.01
µF
On-chip RSSI output resistor (34 k
Ω)
Ultra-compact package…14-pin plastic shrink SOP
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC8001
The information in this document is subject to change without notice.
Document No. IC-3426
(O.D.No. IC-8949)
Date Published February 1995 P
Printed in Japan
The mark 5 shows revised points.
©
1994, 1995
IF AMPLIFIER IC
WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BH4128FVSecond Mixer IF for digital cellular phones 1 2 3 4 5 MoreRohm
BH4138FV2nd mixer and IF amplifier IC for digital cellular 1 2 3 4 5 MoreRohm
UPC8119TVARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
UPC8130TA-15 dBm INPUT VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
CGY0819GaAs MMIC Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones Dual band operation 1 2 3 4 5 MoreSiemens Semiconductor Group
MQ138T-M-16S-CVUniversal Plug connectors for PDC Type Digital Cellular Phones 1 2 3 4 Hirose Electric
CGY191GaAs MMIC Dual mode power amplifier for CDMA /TDMA portable cellular phones 1 2 3 4 5 MoreSiemens Semiconductor Group
UPC8002SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES 1 2 3 4 5 MoreNEC
CGY81GaAs MMIC Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones 1 2 3 4 5 MoreSiemens Semiconductor Group
PCF5081GSM baseband processors for digital mobile cellular radio 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl