Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UPC8001 Datasheet(PDF) 3 Page - NEC

Part No. UPC8001
Description  IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

 
 3 page
background image
µPC8001
3
BLOCK DIAGRAM
Note
Input/output impedance of 455 kHz BPF: 1.5 k
Antenna
1.5 GHz
or 900 MHz
RF
Amp
1 st L-osc
1 st Mixer
2 nd L-osc
129.545 MHz
130 MHz
BPF
455 kHz
BPF
COS
CM2
CM1
CM0
OSC IN
MIX IN2
MIX OUT
FIL2
MIX IN1
CFL2
CFL3
CIF
0.01
µF
0.01
µF 0.01µF
0.01
µF
0.01
µF
0.01
µF
2 nd
Mixer
IF
Amp
RSSI
RSSI OUT
IF OUT
IF IN
FIL3
FIL1
CFL1
1000 pF
CRS
PD
GND
VCC2
VCC1
RM
1.4 k
Note
0.01
µF
0.01
µF
5
2
12
46
7
1
3
13
9
8
11
14
10




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BH4128FVSecond Mixer IF for digital cellular phones 1 2 3 4 5 MoreRohm
BH4138FV2nd mixer and IF amplifier IC for digital cellular 1 2 3 4 5 MoreRohm
UPC8119TVARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
UPC8130TA-15 dBm INPUT VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
CGY0819GaAs MMIC Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones Dual band operation 1 2 3 4 5 MoreSiemens Semiconductor Group
MQ138T-M-16S-CVUniversal Plug connectors for PDC Type Digital Cellular Phones 1 2 3 4 Hirose Electric
CGY191GaAs MMIC Dual mode power amplifier for CDMA /TDMA portable cellular phones 1 2 3 4 5 MoreSiemens Semiconductor Group
UPC8002SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES 1 2 3 4 5 MoreNEC
CGY81GaAs MMIC Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones 1 2 3 4 5 MoreSiemens Semiconductor Group
PCF5081GSM baseband processors for digital mobile cellular radio 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl