Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0640SB Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # P0640SB
Description  Thyristor Surge Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

P0640SB Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  P0640SB Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd P0640SB Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd P0640SB Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Thyristor
Thyristor Surge Suppressors
P0080SB ~ P5000SB
Electrical Characteristics (Ta = 25℃, unless otherwise noted.)
VDRM
@IDRM=5 A
VS
@100V/ S
VT
@IT=2.2A
IS
IT
IH
C0
@1MHz
Part
Number
Marking
V min
V max
V max
mA max
A max
mA min
pF min
pF max
P0080SB
P008B
6
25
4
800
2.2
50
25
150
P0300SB
P03B
25
40
4
800
2.2
50
15
140
P0640SB
P06B
58
77
4
800
2.2
150
40
60
P0720SB
P07B
65
88
4
800
2.2
150
35
60
P0900SB
P09B
75
98
4
800
2.2
150
25
55
P1100SB
P11B
90
130
4
800
2.2
150
30
50
P1300SB
P13B
120
160
4
800
2.2
150
25
45
P1500SB
P15B
140
180
4
800
2.2
150
25
40
P1800SB
P18B
170
220
4
800
2.2
150
25
35
P2000SB
P20B
180
220
4
800
2.2
150
20
35
P2300SB
P23B
190
260
4
800
2.2
150
25
35
P2600SB
P26B
220
300
4
800
2.2
150
20
35
P3100SB
P31B
275
350
4
800
2.2
150
20
35
P3500SB
P35B
320
400
4
800
2.2
150
20
35
P4000SB
P40B
360
460
4
800
2.2
150
20
35
P4500SB
P45B
400
540
4
800
2.2
150
20
35
P5000SB
P50B
440
600
4
800
2.2
150
20
35
Notes:
- Absolute maximum ratings measured at TA= 25ºC (unless otherwise noted).
- Devices are bi-directional.
Surge Ratings
2/10 S1
8/20 S1
10/160 S1
10/560 S1
10/1000 S1
5/310 S1
2/10 S2
1.2/50 S2
10/160 S2
10/560 S2
10/1000 S2
10/700 S2
ITSM
50/60 Hz
di/dt
Series
A min
A min
A min
A min
A min
A min
A min
Amps/µs max
B
250
250
150
100
80
100
30
500
Notes:
1. Current waveform in s
2. Voltage waveform in s
- Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product.
- IPP ratings applicable over temperature range of -40ºC to +85ºC
- The device must initially be in thermal equilibrium with -40°C < TJ < +150°C


Similar Part No. - P0640SB

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P0640SB TECCOR-P0640SB Datasheet
423Kb / 2P
   SIDACtor Device
logo
HuaXinAn Electronics CO...
P0640SB HUAXINAN-P0640SB Datasheet
324Kb / 6P
   Thyristor Surge Suppressors
logo
Littelfuse
P0640SB LITTELFUSE-P0640SB Datasheet
97Kb / 1P
   DO-214AA Package Symbolization
logo
Shenzhen Saite Microele...
P0640SB PHY-P0640SB Datasheet
539Kb / 3P
   THYRISTOR SURGE SUPPRESSORS TSS
logo
HuaXinAn Electronics CO...
P0640SB HUAXINAN-P0640SB Datasheet
375Kb / 7P
   SIDACtor Protection Thyristors
More results

Similar Description - P0640SB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P0080SA LUGUANG-P0080SA Datasheet
1Mb / 6P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
P0060SC2 LEIDITECH-P0060SC2 Datasheet
392Kb / 4P
   Thyristor Surge Suppressors
P0300-C2 LEIDITECH-P0300-C2 Datasheet
1Mb / 4P
   Thyristor Surge Suppressors
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com