Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT55C8V2 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BZT55C8V2
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZT55C8V2 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BZT55C8V2 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZT55C8V2 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BZT55C8V2 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
ZENER DIODES
BZT55C2V0~BZT55C36
Electrical Characteristics Ta = 25℃
Type No.
Vz(V) 1st
Vz(V) 2nd
Iz
(mA)
If
(mA)
Vf(V)
Ir(μA)
Zzt(Ohms)
2nd
Zzk(Ohms)
2nd
Zzt(Ohms)
1st
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Vr(V)
Limit
Izt
(mA)
Limit
Izk
(mA)
Limit
Izt
(mA)
Limit
BZT55C2V0
1.92
2.08
1.91
2.09
5.0
100
0.2
1.0
1.0
50
5.0
100
1.0
1000
5.0
98
BZT55C2V2
2.11
2.29
2.10
2.30
5.0
100
0.2
1.0
1.0
50
5.0
85
1.0
600
5.0
83
BZT55C2V4
2.30
2.54
2.29
2.55
5.0
100
0.2
1.0
1.0
50
5.0
85
1.0
600
5.0
83
BZT55C2V7
2.52
2.88
2.51
2.89
5.0
100
0.2
1.0
1.0
10
5.0
85
1.0
600
5.0
83
BZT55C3V0
2.82
3.17
2.81
3.19
5.0
100
0.2
1.0
1.0
4
5.0
85
1.0
600
5.0
83
BZT55C3V3
3.12
3.48
3.11
3.49
5.0
100
0.2
1.0
1.0
2
5.0
85
1.0
600
5.0
83
BZT55C3V6
3.42
3.78
3.41
3.79
5.0
100
0.2
1.0
1.0
2
5.0
85
1.0
600
5.0
83
BZT55C3V9
3.72
4.08
3.71
4.09
5.0
100
0.2
1.0
1.0
2
5.0
85
1.0
600
5.0
83
BZT55C4V3
4.02
4.57
4.01
4.59
5.0
100
0.2
1.0
1.0
1
5.0
75
1.0
600
5.0
73
BZT55C4V7
4.43
4.97
4.41
4.99
5.0
100
0.2
1.0
1.0
0.5
5.0
60
1.0
600
5.0
58
BZT55C5V1
4.83
5.37
4.81
5.38
5.0
100
0.2
1.0
1.0
0.1
5.0
35
1.0
550
5.0
33
BZT55C5V6
5.23
5.96
5.22
5.98
5.0
100
0.2
1.0
1.0
0.1
5.0
25
1.0
450
5.0
23
BZT55C6V2
5.83
6.56
5.82
6.58
5.0
100
0.2
1.0
2.0
0.1
5.0
10
1.0
200
5.0
8
BZT55C6V8
6.44
7.16
6.42
7.18
5.0
100
0.2
1.0
3.0
0.1
5.0
8
1.0
150
5.0
6
BZT55C7V5
7.04
7.85
7.02
7.88
5.0
100
0.2
1.0
5.0
0.1
5.0
7
1.0
50
5.0
5
BZT55C8V2
7.75
8.65
7.72
8.67
5.0
100
0.2
1.0
6.0
0.1
5.0
7
1.0
50
5.0
5
BZT55C9V1
8.55
9.54
8.53
9.57
5.0
100
0.2
1.0
7.0
0.1
5.0
10
1.0
50
5.0
8
BZT55C10
9.46
10.54
9.43
10.57
5.0
100
0.2
1.0
7.5
0.1
5.0
15
1.0
70
5.0
13
BZT55C11
10.44
11.55
10.42
11.58
5.0
100
0.2
1.0
8.5
0.1
5.0
20
1.0
70
5.0
18
BZT55C12
11.45
12.65
11.42
12.67
5.0
100
0.2
1.0
9.0
0.1
5.0
20
1.0
90
5.0
18
BZT55C13
12.45
14.04
12.42
14.07
5.0
100
0.2
1.0
10.0
0.1
5.0
26
1.0
110
5.0
24
BZT55C14
13.35
14.64
13.33
14.67
5.0
100
0.2
1.0
10.0
0.1
5.0
28
1.0
100
5.0
26
BZT55C15
13.86
15.54
13.83
15.57
5.0
100
0.2
1.0
11.0
0.1
5.0
30
1.0
110
5.0
28
BZT55C16
15.36
17.03
15.33
17.07
5.0
100
0.2
1.0
12.0
0.1
5.0
40
1.0
170
5.0
38
BZT55C18
16.87
19.02
16.83
19.06
5.0
100
0.2
1.0
14.0
0.1
5.0
50
1.0
170
5.0
48
BZT55C20
18.88
21.12
18.84
21.16
5.0
100
0.2
1.0
15.0
0.1
5.0
55
1.0
220
5.0
53
BZT55C22
20.88
23.21
20.84
23.25
5.0
100
0.2
1.0
17.0
0.1
5.0
55
1.0
220
5.0
53
BZT55C24
22.89
25.50
22.85
25.55
5.0
100
0.2
1.0
18.0
0.1
5.0
80
1.0
220
5.0
78
BZT55C27
25.20
28.78
25.15
28.84
5.0
100
0.2
1.0
20.0
0.1
5.0
80
1.0
220
5.0
78
BZT55C30
28.11
31.87
28.06
31.94
5.0
100
0.2
1.0
22.0
0.1
5.0
80
1.0
220
5.0
78
BZT55C33
31.12
34.86
31.06
34.93
5.0
100
0.2
1.0
24.0
0.1
5.0
80
1.0
220
5.0
78
BZT55C36
34.14
37.85
34.07
37.92
5.0
100
0.2
1.0
27.0
0.1
5.0
80
1.0
220
5.0
78


Similar Part No. - BZT55C8V2

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BZT55C8V2 TEMIC-BZT55C8V2 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZT55C8V2 VISHAY-BZT55C8V2 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZT55C8V2 TSC-BZT55C8V2 Datasheet
267Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55C8V2 VISHAY-BZT55C8V2 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BZT55C8V2 SEMTECH_ELEC-BZT55C8V2 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results

Similar Description - BZT55C8V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com