Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1117-S Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AMS1117-S
Description  Low Dropout Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AMS1117-S Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  AMS1117-S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AMS1117-S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AMS1117-S Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
IC
Low Dropout Voltage Regulator
AMS1117-X.X S
Features
Maximum output current is 800mA
Output voltage accuracy i s within ±1%
Range of operation input voltage: 15V(Max)
Line regulation : 0.2%
Load regul a t ion: 0.4%
Environment Temperature:-40℃~125℃
0.70±0.1
4.60 (typ)
6.50±0.2
3.00±0.1
2.30 (typ)
SOT-223
Unit:mm
1.ADJ(GND)
2.Vout
3.Vin
1
2
3
0.250
Gauge Plane
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Maximum input voltage
Vin
18
Input voltage range
15
Lead temperature and time
300℃,10S
Adjust Pin Current (Adjustable Version)
IADJ
120
Adjust Pin Current Change
Ichange
5
Temperature Stability
0.5
%
Thermal Resistance.Junction- to-Case
RthJC
120
/W
Junction Temperature
TJ
150
Environment temperature
-40 to 125
Storage Temperature Range
Tstg
-65 to150
V
uA
Block Diagrams
Three-terminal adjustable or fixed low drop ou t
1.8V,2.5V,2.85V, 3.3V, 5.0V, Regulators
Vin


Similar Part No. - AMS1117-S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117-S AMS-AMS1117-S Datasheet
624Kb / 5P
   0.8A Adjustable/Fixed Low Dropout Linear Regulator
More results

Similar Description - AMS1117-S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com