Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YS1045SL Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # YS1045SL
Description  10A SURFACE MOUNT LOW VF SCHOTTKY B ARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YS1045SL Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  YS1045SL Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YS1045SL Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YS1045SL Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3$&.$*( $1' 68**(67(' 3$' /$<287 ',0(16,21
YS1045SL
Outline drawing and Dimension
TO-277
PACKAGE OUTLINE AND DIMENSIONS
http://www.yeashin.com
3
REV.03 20
FOOT PRINT RECOMMENDATION
MARKING CODE
unit: mm
XXXX
L ogo
1 045SL
XXXX
Y S
1 045SL
Date code
Device name
1409 10
.067(1.70)
.169(4.30)
.153(3.88)
.039(1.10)
.031(0.80)
.077(1.96)
.069(1.76)
.049(1.25)
.037(0.95)
.075(1.90)
.114(2.90)
.130(3.30)
.016(0.40)
.008(0.20)
Unit:inch(mm)


Similar Part No. - YS1045SL

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
YS1005A COSEL-YS1005A Datasheet
305Kb / 6P
   AC-DC Power Supplies PCB Mount type
YS1012A COSEL-YS1012A Datasheet
305Kb / 6P
   AC-DC Power Supplies PCB Mount type
logo
Yea Shin Technology Co....
YS10U45SL YEASHIN-YS10U45SL Datasheet
482Kb / 3P
   The Schottky Barrier Rectifier family
More results

Similar Description - YS1045SL

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YS15S50SL YEASHIN-YS15S50SL Datasheet
500Kb / 3P
   SURFACE MOUNT LOW VF SCHOTTKY B ARRIER RECTIFIER
YS15S50PSL YEASHIN-YS15S50PSL Datasheet
755Kb / 3P
   SURFACE MOUNT LOW VF SCHOTTKY B ARRIER RECTIFIER
YS20U45SL YEASHIN-YS20U45SL Datasheet
1Mb / 3P
   2 0A SURFACE MOUNT LOW VF SCHOTTKY B ARRIER RECTIFIER
logo
Bytesonic Electronics C...
1N5817WS BYTESONIC-1N5817WS Datasheet
523Kb / 3P
   1 A Surface Mount Schottky B arrier Diode
logo
SeCoS Halbleitertechnol...
MSCD104 SECOS-MSCD104 Datasheet
283Kb / 2P
   1 AMP Surface Mount Schottky B arrier Rectifiers
logo
DIYI Electronic Technol...
SBT10V120CT DYELEC-SBT10V120CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10L300CT DYELEC-SBP10L300CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10L40CT DYELEC-SBP10L40CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10V45CT DYELEC-SBP10V45CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10L45CT DYELEC-SBP10L45CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com