Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL213 Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL213
Description  Low Cost 1.2 g Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL213 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL213_15 Datasheet HTML 4Page - Analog Devices ADXL213_15 Datasheet HTML 5Page - Analog Devices ADXL213_15 Datasheet HTML 6Page - Analog Devices ADXL213_15 Datasheet HTML 7Page - Analog Devices ADXL213_15 Datasheet HTML 8Page - Analog Devices ADXL213_15 Datasheet HTML 9Page - Analog Devices ADXL213_15 Datasheet HTML 10Page - Analog Devices ADXL213_15 Datasheet HTML 11Page - Analog Devices ADXL213_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADXL213
Rev. A | Page 11 of 12
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
ADXL213E
TOP VIEW
(Not to Scale)
ST
1
T2
2
COM
3
YOUT
4
XFILT
YFILT
XOUT
7
6
5
VS
8
Figure 22. ADXL213 8-Lead CLCC
Table 7. ADXL213 8-Lead CLCC Pin Function Descriptions
Pin No.
Mnemonic
Description
1
ST
Self Test
2
T2
RSET Resistor to Common
3
COM
Common
4
YOUT
Y Channel Output
5
XOUT
X Channel Output
6
YFILT
Y Channel Filter Pin
7
XFILT
X Channel Filter Pin
8
VS
3 V to 6 V


Similar Part No. - ADXL213_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213AE AD-ADXL213AE Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL213AE-REEL AD-ADXL213AE-REEL Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL213EB AD-ADXL213EB Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
More results

Similar Description - ADXL213_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
   Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com