Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1S45N02LSM Datasheet(PDF) 3 Page - Intersil Corporation

Part # RF1S45N02LSM
Description  45A, 20V, 0.022 Ohm, N-Channel Logic Level Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1S45N02LSM Datasheet(HTML) 3 Page - Intersil Corporation

  RF1S45N02LSM Datasheet HTML 1Page - Intersil Corporation RF1S45N02LSM Datasheet HTML 2Page - Intersil Corporation RF1S45N02LSM Datasheet HTML 3Page - Intersil Corporation RF1S45N02LSM Datasheet HTML 4Page - Intersil Corporation RF1S45N02LSM Datasheet HTML 5Page - Intersil Corporation RF1S45N02LSM Datasheet HTML 6Page - Intersil Corporation RF1S45N02LSM Datasheet HTML 7Page - Intersil Corporation RF1S45N02LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
RFP45N02L, RF1S45N02L, RF1S45N02LSM
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs
TEMPERATURE DERATING
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
20
10
0
25
50
75
100
125
150
40
TC, CASE TEMPERATURE (
oC)
50
175
30
t, RECTANGULAR PULSE DURATION (s)
101
10-3
10-2
10-1
100
1
10-5
PDM
t1
t2
SINGLE PULSE
.01
.02
.05
0.1
0.2
0.5
10-4
2
0.01
0.1
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x R
θJC x ZθJC + TC
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
50
1
500
10
1
DC
100
µs
100ms
1ms
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
100
VDSS MAX = 20V
TC = 25
oC, T
J = MAX RATED
10ms
t, PULSE WIDTH (s)
10
10-5
10-4
10-3
10-2
10-1
100
101
100
500
I
= I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 10V
VGS = 5V
TC = 25
oC
RFP45N02L, RF1S45N02L, RF1S45N02LSM


Similar Part No. - RF1S45N02LSM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1S45N03L INTERSIL-RF1S45N03L Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
RF1S45N03LSM INTERSIL-RF1S45N03LSM Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RF1S45N03LSM VBSEMI-RF1S45N03LSM Datasheet
988Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
RF1S45N06 FAIRCHILD-RF1S45N06 Datasheet
82Kb / 6P
   45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RF1S45N06LESM INTERSIL-RF1S45N06LESM Datasheet
427Kb / 8P
   45A, 60V, 0.028 Ohm, Logic Level N-Channel Power MOSFETs
More results

Similar Description - RF1S45N02LSM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
logo
Fairchild Semiconductor
HUF76013P3 FAIRCHILD-HUF76013P3 Datasheet
195Kb / 10P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
logo
Intersil Corporation
RFD16N02L INTERSIL-RFD16N02L Datasheet
74Kb / 8P
   16A, 20V, 0.022 Ohm, N-Channel, Logic Level, Power MOSFET
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP45N06LE INTERSIL-RFP45N06LE Datasheet
427Kb / 8P
   45A, 60V, 0.028 Ohm, Logic Level N-Channel Power MOSFETs
HUF76009P3 INTERSIL-HUF76009P3 Datasheet
243Kb / 11P
   20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com