Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL105 Datasheet(PDF) 3 Page - Analog Devices

Part # ADXL105
Description  High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL105 Datasheet(HTML) 3 Page - Analog Devices

  ADXL105_15 Datasheet HTML 1Page - Analog Devices ADXL105_15 Datasheet HTML 2Page - Analog Devices ADXL105_15 Datasheet HTML 3Page - Analog Devices ADXL105_15 Datasheet HTML 4Page - Analog Devices ADXL105_15 Datasheet HTML 5Page - Analog Devices ADXL105_15 Datasheet HTML 6Page - Analog Devices ADXL105_15 Datasheet HTML 7Page - Analog Devices ADXL105_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. A
–3–
ADXL105
ABSOLUTE MAXIMUM RATINGS*
Acceleration (Any Axis, Unpowered for 0.5 ms) . . . . . .1000 g
Acceleration (Any Axis, Powered for 0.5 ms) . . . . . . . . . 500 g
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Output Short Circuit Duration
(Any Pin to Common) . . . . . . . . . . . . . . . . . . . . Indefinite
Operating Temperature . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; the functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Package Characteristics
Package
JA
JC
Device Weight
14-Lead Cerpak
110
°C/W
30
°C/W
<2 Grams
ORDERING GUIDE
Model
Temperature Range
Package Option
ADXL105JQC
0
°C to +70°C
QC-14
ADXL105AQC
–40
°C to +85°C
QC-14
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Description
1TOUT
Temperature Sensor Output
2, 3, 5
NC
No Connect
4
COM
Common
6
ST
Self-Test
7
COM
Common (Substrate)
8AOUT
Accelerometer Output
9VMID
VDD/2 Reference Voltage
10
VNIN
Uncommitted Amp Noninverting Input
11
VIN
Uncommitted Amp Inverting Input
12
UCAOUT
Uncommitted Amp Output
13, 14
VDD
Power Supply Voltage
PIN CONFIGURATION
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADXL105 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Drops onto hard surfaces can cause shocks of greater than 1000 g
and exceed the absolute maximum rating of the device. Care should
be exercised in handling to avoid damage.
14
13
12
11
10
9
8
1
2
3
4
5
6
7
AOUT = 2.75V
AOUT = 2.50V
AOUT = 2.25V
Figure 1. ADXL105 Response Due to Gravity
TOP VIEW
(Not to Scale)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
NC = NO CONNECT
NC
NC
COM
NC
ST
COM
VDD
UCAOUT
VIN
VNIN
VMID
AOUT
TOUT
ADXL105
VDD


Similar Part No. - ADXL105_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL105AQC AD-ADXL105AQC Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105EM-1 AD-ADXL105EM-1 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
ADXL105EM-3 AD-ADXL105EM-3 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
ADXL105JQC AD-ADXL105JQC Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
More results

Similar Description - ADXL105_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL180 AD-ADXL180 Datasheet
865Kb / 56P
   Configurable, High g, iMEMS Accelerometer
REV. 0
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com