Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMG11 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # EMG11
Description  Dual N-Ch Digital Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

EMG11 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  EMG11_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EMG11
Dual N-Ch Digital Transistors (Built-in Resistors)
Elektronische Bauelemente
01-Jun-2010 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Two DTC123JCA chips in a package
EQUIVALENT CIRCUIT
MARKING:G11
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Value
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-5 ~ 12
V
Output current
IO
100
mA
Power dissipation
PD
150
mW
Junction & Storage temperature
TJ, TSTG
150, -55 ~ 150
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS at Ta = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input turn-on voltage
VI(ON)
1.1
-
-
V
VCC= 0.3V, IO= 5mA
Input cut-off voltage
VI(OFF)
-
-
0.5
VCC= 5V, IO= 100A
Output voltage
VO(ON)
-
-
0.3
V
IO=5mA, II=0.25mA
Input cut-off current
II
-
-
3.6
mA
VI= 5V
Output cut-off current
IO(OFF)
-
-
0.5
A
VCC= 50V, VI= 0
DC current gain
GI
80
-
-
VO= 5V, IO= 10mA
Input resistance
R1
-
2.2
-
K
Resistance ratio
R2 / R1
17
-
26
Transition frequency
fT
-
250
-
MHz
VCE= 10V, Ic= 5mA,
f=100MHz
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.50
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.60
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
-
0.05
E
F
J
B
C
D
G
A
H
SOT-553


Similar Part No. - EMG11_15

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG11 ROHM-EMG11_15 Datasheet
838Kb / 10P
   Emitter common (dual digital transistor)
More results

Similar Description - EMG11_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
EMG11 SECOS-EMG11 Datasheet
98Kb / 1P
   Dual N-Ch Digital Transistors
logo
Unisonic Technologies
UG9H UTC-UG9H_15 Datasheet
131Kb / 3P
    DUAL DIGITAL TRANSISTORS
logo
Jiangsu Changjiang Elec...
UMC4N JIANGSU-UMC4N Datasheet
1Mb / 5P
   Dual Digital Transistors
UMA5N JIANGSU-UMA5N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMD2N JIANGSU-UMD2N Datasheet
2Mb / 5P
   Dual Digital Transistors
UMG2N JIANGSU-UMG2N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH4N JIANGSU-UMH4N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH6N JIANGSU-UMH6N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH7N JIANGSU-UMH7N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH10N JIANGSU-UMH10N Datasheet
2Mb / 4P
   Dual Digital Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com