Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C3MQ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R8C3MQ
Description  RENESAS MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C3MQ Datasheet(HTML) 2 Page - Renesas Technology Corp

  R8C3MQ_15 Datasheet HTML 1Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 2Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 3Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 4Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 5Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 6Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 7Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 8Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
R8C/3MQ Group
1. Overview
R01DS0044EJ0200 Rev.2.00
Page 2 of 47
Jun 29, 2012
1.1.2
Specifications
Tables 1.1 and 1.2 outline the Specifications for R8C/3MQ Group.
Table 1.1
Specifications for R8C/3MQ Group (1)
Item
Function
Specification
CPU
Central processing
unit
R8C CPU core
• Number of fundamental instructions: 89
• Minimum instruction execution time:
62.5 ns (f(BCLK) = 16 MHz, VCC = 2.7 to 3.6 V)
125 ns (f(BCLK) = 8 MHz, VCC = 2.15 to 3.6 V)
250 ns (f(BCLK) = 4 MHz, VCC = 1.8 to 3.6 V)
• Multiplier: 16 bits × 16 bits
→ 32 bits
• Multiply-accumulate instruction: 16 bits × 16 bits + 32 bits
→ 32 bits
• Operation mode: Single-chip mode (address space: 1 Mbyte)
Memory
ROM, RAM,
Data flash
Refer to Table 1.4 Product List for R8C/3MQ Group.
Power Supply
Voltage
Detection
Voltage detection
circuit
• Power-on reset
• Voltage detection 2 (detection level selectable)
I/O Ports
Programmable I/O
ports
CMOS I/O ports: 18 (including XCIN and XCOUT), selectable pull-up resistor
(for some ports)
Clock
Clock generation
circuits
• 3 circuits: XIN clock oscillation circuit,
XCIN clock oscillation circuit (32 kHz),
Low-speed on-chip oscillator
• Oscillation stop detection: XIN clock oscillation stop detection function
• Frequency divider circuit: Dividing selectable 1, 2, 4, 8, and 16
• Low power consumption modes:
Standard operating mode (high-speed clock, low-speed clock, low-speed
on-chip oscillator), wait mode, stop mode
Real-time clock (timer RE)
Interrupts
• Interrupt Vectors: 69
• External: 11 sources (INT × 3, key input × 8)
• Priority levels: 7 levels
Watchdog Timer
• 14 bits × 1 (with prescaler)
• Reset start selectable
• Low-speed on-chip oscillator for watchdog timer selectable
DTC (Data Transfer Controller)
• 1 channel
• Activation sources: 17
• Transfer modes: 2 (normal mode, repeat mode)
Timer
Timer RA
8 bits × 1 (with 8-bit prescaler)
Timer mode (period timer), pulse output mode (output level inverted every
period), event counter mode, pulse width measurement mode, pulse period
measurement mode
Timer RB
8 bits × 1 (with 8-bit prescaler)
Timer mode (period timer), programmable waveform generation mode (PWM
output), programmable one-shot generation mode, programmable wait
one-shot generation mode
Timer RC
16 bits × 1 (with 4 capture/compare registers)
Timer mode (input capture function, output compare function), PWM mode
(output 3 pins), PWM2 mode (PWM output pin)
Timer RE
8 bits × 1
Real-time clock mode (count seconds, minutes, hours, days of week), output
compare mode


Similar Part No. - R8C3MQ_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C3MU RENESAS-R8C3MU_15 Datasheet
831Kb / 93P
   RENESAS MCU
More results

Similar Description - R8C3MQ_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com