Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C3MQ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R8C3MQ
Description  RENESAS MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C3MQ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R8C3MQ_15 Datasheet HTML 5Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 6Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 7Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 8Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 9Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 10Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 11Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 12Page - Renesas Technology Corp R8C3MQ_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
R8C/3MQ Group
1. Overview
R01DS0044EJ0200 Rev.2.00
Page 9 of 47
Jun 29, 2012
1.5
Pin Functions
Tables 1.6 and 1.7 list Pin Functions.
I: Input
O: Output
I/O: Input and output
Table 1.6
Pin Functions (1)
Item
Pin Name
I/O Type
Description
Power supply input
VCC, VSS1
Apply 1.8 to 3.6 V to the VCC pin.
Apply 0 V to the VSS1 pin.
Reset input
RESET
I
Input “L” on this pin resets the MCU.
MODE
MODE
I
Connect this pin to VCC via a resistor.
XIN clock input
XIN
I
These pins are provided for XIN clock oscillation circuit I/O.
Connect a crystal oscillator between the XIN and XOUT pins.
XIN clock output
XOUT
I/O
XCIN clock input
XCIN
I
These pins are provided for XCIN clock oscillation circuit I/O.
Connect a crystal oscillator between the XCIN and XCOUT
pins.
XCIN clock output
XCOUT
O
INT interrupt input
INT0, INT1, INT3
I
INT interrupt input pins.
INT0 is used as an input pin for timer RB and timer RC.
Key input interrupt
input
KI0 to KI7
I
Key input interrupt input pins.
Timer RA
TRAIO
I/O
Timer RA I/O pin.
TRAO
O
Timer RA output pin.
Timer RB
TRBO
O
Timer RB output pin.
Timer RC
TRCCLK
I
External clock input pin.
TRCTRG
I
External trigger input pin.
TRCIOA, TRCIOB,
TRCIOC, TRCIOD
I/O
Timer RC I/O pins.
Timer RE
TREO
O
Divided clock output pin.
Serial interface
CLK0
I/O
Transfer clock I/O pin.
RXD0
I
Serial data input pin.
TXD0
O
Serial data output pin.
SSU
SSI
I/O
Data I/O pin.
SCS
I/O
Chip-select signal I/O pin.
SSCK
I/O
Clock I/O pin.
SSO
I/O
Data I/O pin.
I2C bus
SCL
I/O
Clock I/O pin
SDA
I/O
Data I/O pin
I/O ports
P0_4, P1_0 to P1_7,
P3_0, P3_1,
P3_3 to P3_5, P3_7,
P4_3 to P4_5
I/O
CMOS I/O ports. Each port has an I/O select direction
register, allowing each pin in the port to be directed for input
or output individually.
Any port set to input can be set to use a pull-up resistor or not
by a program.


Similar Part No. - R8C3MQ_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C3MU RENESAS-R8C3MU_15 Datasheet
831Kb / 93P
   RENESAS MCU
More results

Similar Description - R8C3MQ_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com