Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20131SP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R2A20131SP
Description  Continuous Conduction Mode PFC Control IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20131SP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R2A20131SP_15 Datasheet HTML 1Page - Renesas Technology Corp R2A20131SP_15 Datasheet HTML 2Page - Renesas Technology Corp R2A20131SP_15 Datasheet HTML 3Page - Renesas Technology Corp R2A20131SP_15 Datasheet HTML 4Page - Renesas Technology Corp R2A20131SP_15 Datasheet HTML 5Page - Renesas Technology Corp R2A20131SP_15 Datasheet HTML 6Page - Renesas Technology Corp R2A20131SP_15 Datasheet HTML 7Page - Renesas Technology Corp R2A20131SP_15 Datasheet HTML 8Page - Renesas Technology Corp R2A20131SP_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
R2A20131SP
Preliminary
R03DS0032EJ0200 Rev.2.00
Page 3 of 8
Mar 05, 2012
Block Diagram
2.51V
E-AMP
UVL
CS_AMP
OCP
VREF
Current
Source
UVL
×10
LTB_CAP
RT
PG_OUT
PFC_IN
PowerGood Block
Brown-out
Block
Protection Block
Driver Block
ON Duty < 5%
CT
OSC
UVL
RAMP Block
LTB Block
5
CS
13
VCC
16
CT
8
CSO
11
GD
15
FB
9
COMP
12
10
GND
14
BO
6
1
LTB_RES1
3
LTB_RES2
4
DELAY
7
2
+
+
–0.3 V
VREF
UVL
+
4.3V


Similar Part No. - R2A20131SP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20131SP RENESAS-R2A20131SP_16 Datasheet
265Kb / 9P
   Continuous Conduction Mode PFC Control IC
More results

Similar Description - R2A20131SP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20131SP RENESAS-R2A20131SP_16 Datasheet
265Kb / 9P
   Continuous Conduction Mode PFC Control IC
R2A20131SP RENESAS-R2A20131SP Datasheet
102Kb / 9P
   Continuous Conduction Mode PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20115 RENESAS-R2A20115 Datasheet
143Kb / 1P
   Continuous Conduction Mode PFC IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com