Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP2N10L Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFP2N10L
Description  2A, 80V and 100V, 1.050 Ohm, Logic Level, N-Channel Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP2N10L Datasheet(HTML) 4 Page - Intersil Corporation

  RFP2N10L Datasheet HTML 1Page - Intersil Corporation RFP2N10L Datasheet HTML 2Page - Intersil Corporation RFP2N10L Datasheet HTML 3Page - Intersil Corporation RFP2N10L Datasheet HTML 4Page - Intersil Corporation RFP2N10L Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6-251
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE TO THRESHOLD vs
JUNCTION TEMPERATURE
FIGURE 9. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 10. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Test Circuit and Waveforms
FIGURE 11. SWITCHING TIME TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
-50
TJ, JUNCTION TEMPERATURE (
oC)
2.0
100
0
50
150
200
1.0
1.5
0.5
ID = 2A, VGS = 5V
PULSE DURATION = 80ms
DUTY CYCLE = 0.5% MAX
-50
TJ, JUNCTION TEMPERATURE (
oC)
1.0
0.5
0
0
200
50
100
150
1.5
2.0
ID = 250µA
VDS = VGS
0
203040
70
VDS, DRAIN TO SOURCE VOLTAGE (V)
240
200
160
0
10
120
80
CISS
CRSS
COSS
40
50
60
VGS = 0V, f = 0.1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
100
75
25
0
20
I
G REF
()
I
GACT
()
-------------------------
t, TIME (ms)
80
I
GREF
()
I
GACT
()
-------------------------
10
8
6
2
0
VDD = BVDSS
VDD = 0.75 BVDSS
VDD = 0.50 BVDSS
VDD = 0.25 BVDSS
DESCENDING ORDER:
RL = 50Ω, VGS = 5V
IG(REF) = 0.094mA
50
4
DRAIN SOURCE VOLTAGE
PLATEAU VOLTAGES IN
SOURCE
VOLTAGE
GATE
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
RFP2N08L, RFP2N10L


Similar Part No. - RFP2N10L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RFP2N10L VBSEMI-RFP2N10L Datasheet
938Kb / 7P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - RFP2N10L

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
RFP2P08 INTERSIL-RFP2P08 Datasheet
39Kb / 5P
   -2A, -80V and -100V, 3.500 Ohm, P-Channel Power MOSFETs
RFD3N08L INTERSIL-RFD3N08L Datasheet
69Kb / 8P
   3A, 80V, 0.800 Ohm, Logic Level, N-Channel Power MOSFETs
RFM18N08 INTERSIL-RFM18N08 Datasheet
38Kb / 5P
   18A, 80V and 100V, 0.100 Ohm, N-Channel Power MOSFETs
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
   12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
   1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
RFD7N10LE INTERSIL-RFD7N10LE Datasheet
361Kb / 7P
   7A, 100V, 0.300 Ohm, N-Channel, Logic Level, Power MOSFETs
RFG40N10LE INTERSIL-RFG40N10LE Datasheet
413Kb / 8P
   40A, 100V, 0.040 Ohm, Logic Level N-Channel Power MOSFETs
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
   12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com