Electronic Components Datasheet Search |
|
R5F3650ENFA Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
R5F3650ENFA Datasheet(HTML) 2 Page - Renesas Technology Corp |
2 / 115 page R01DS0031EJ0210 Rev.2.10 Page 2 of 111 Jul 31, 2012 M16C/65 Group 1. Overview 1.2 Specifications The M16C/65 Group includes 128-pin and 100-pin packages. Table 1.1 to Table 1.4 list specifications. Table 1.1 Specifications for the 128-Pin Package (1/2) Item Function Description CPU Central processing unit M16C/60 Series core (multiplier: 16 bit × 16 bit 32 bit, multiply and accumulate instruction: 16 bit × 16 bit + 32 bit 32 bit) • Number of basic instructions: 91 • Minimum instruction execution time: 31.25 ns (f(BCLK) = 32 MHz, VCC1 = VCC2 = 2.7 to 5.5 V) • Operating modes: Single-chip, memory expansion, and microprocessor Memory ROM, RAM, data flash See Table 1.5 “Product List (1/2)” and Table 1.6 “Product List (2/2)”. Voltage Detection Voltage detector • Power-on reset • 3 voltage detection points (detection level of voltage detection 0 and 1 selectable) Clock Clock generator • 5 circuits: Main clock, sub clock, low-speed on-chip oscillator (125 kHz), high-speed on-chip oscillator (40 MHz ±10%), PLL frequency synthesizer • Oscillation stop detection: Main clock oscillation stop/restart detection function • Frequency divider circuit: Divide ratio selectable from 1, 2, 4, 8, and 16 • Power saving features: Wait mode, stop mode • Real-time clock External Bus Expansion Bus memory expansion • Address space: 1 MB • External bus interface: 0 to 8 waits inserted, 4 chip select outputs, memory area expansion function (expandable to 4 MB), 3 V and 5 V interfaces • Bus format: Separate bus or multiplexed bus selectable, data bus width selectable (8 or 16 bits), number of address buses selectable (12, 16, or 20) I/O Ports Programmable I/O ports • CMOS I/O ports: 111 (selectable pull-up resistors) • N-channel open drain ports: 3 Interrupts • Interrupt vectors: 70 • External interrupt inputs: 13 (NMI, INT × 8, key input × 4) • Interrupt priority levels: 7 Watchdog Timer 15-bit timer × 1 (with prescaler) Automatic reset start function selectable DMA DMAC • 4 channels, cycle steal mode • Trigger sources: 43 • Transfer modes: 2 (single transfer, repeat transfer) |
Similar Part No. - R5F3650ENFA |
|
Similar Description - R5F3650ENFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |