Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7196A Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7196A
Description  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7196A Datasheet(HTML) 4 Page - Analog Devices

  ADV7196A_15 Datasheet HTML 1Page - Analog Devices ADV7196A_15 Datasheet HTML 2Page - Analog Devices ADV7196A_15 Datasheet HTML 3Page - Analog Devices ADV7196A_15 Datasheet HTML 4Page - Analog Devices ADV7196A_15 Datasheet HTML 5Page - Analog Devices ADV7196A_15 Datasheet HTML 6Page - Analog Devices ADV7196A_15 Datasheet HTML 7Page - Analog Devices ADV7196A_15 Datasheet HTML 8Page - Analog Devices ADV7196A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
REV. 0
–4–
ADV7196A–SPECIFICATIONS
3.3 V SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Test Conditions
STATIC PERFORMANCE
Resolution (Each DAC)
11
Bits
Integral Nonlinearity
1.5
LSB
Differential Nonlinearity
0.9
2.0
LSB
DIGITAL OUTPUTS
Output High Voltage, VOL
0.4
V
ISINK = 3.2 mA
Output Low Voltage, VOH
2.4
V
ISOURCE = 400
µA
Three State Leakage Current
10
µAV
IN = 0.4 V
Three State Output Capacitance
4
pF
DIGITAL AND CONTROL INPUTS
Input High Voltage, VIH
2V
Input Low Voltage, VIL
0.8
0.65
V
Input Current, IIN
01
µAVIN = 0.0 V or VDD
Input Capacitance, CIN
4pF
ANALOG OUTPUTS
Full-Scale Output Current
3.92
4.25
4.56
mA
DAC A
Output Current Range
3.92
4.25
4.56
mA
DAC A
Full-Scale Output Current
2.54
2.83
3.11
mA
DAC B, C
Output Current Range
2.39
2.66
2.93
mA
DAC B, C
DAC-to-DAC Matching
1.4
%
Output Compliance Range, VOC
0
1.4
V
Output Impedance, ROUT
100
k
Output Capacitance, COUT
7pF
VOLTAGE REFERENCE (External)
Reference Range, VREF
1.112
1.235
1.359
V
POWER REQUIREMENTS
IDD
2
25
35
mA
1
× Interpolation
IDD
2
51
60
mA
2
× Interpolation
IDD
2
40
mA
HDTV Mode
(with fCLK = 74.25 MHz)
IAA
3, 4
11
15
mA
1
× Interpolation, 2× Interpola-
tion, and HDTV Mode
IPLL
6.0
12
mA
1
× Interpolation, 2× Interpola-
tion, and HDTV Mode
Power Supply Rejection Ratio
0.01
%/%
NOTES
1Guaranteed by characterization.
2I
DD or the circuit current is the continuous current required to drive the digital core without I PLL.
3I
AA is the total current required to supply all DACs including the V REF circuitry.
4All DACs on.
Specifications subject to change without notice.
(VAA = 3.15 V to 3.45 V, VREF = 1.235 V, RSET = 2470
, RLOAD = 300
. All specifications TMIN to TMAX
(0 C to 70 C) unless otherwise noted.)
3 V DYNAMIC–SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Luma Bandwidth
13.5
MHz
Chroma Bandwidth
6.75
MHz
Signal-to-Noise Ratio
64
dB Luma Ramp Unweighted
Chroma/Luma Delay Inequality
0
ns
Specifications subject to change without notice.
(VAA = 3.15 V to 3.45 V, VREF = 1.235 V, RSET = 2470
, RLOAD = 300
. All specifications
TMIN to TMAX (0 C to 70 C) unless otherwise noted.)


Similar Part No. - ADV7196A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7196AKS AD-ADV7196AKS Datasheet
501Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
More results

Similar Description - ADV7196A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7196A AD-ADV7196A Datasheet
501Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com