Electronic Components Datasheet Search |
|
ADV7191 Datasheet(PDF) 4 Page - Analog Devices |
|
ADV7191 Datasheet(HTML) 4 Page - Analog Devices |
4 / 72 page –4– REV. B ADV7190/ADV7191–SPECIFICATIONS 3.3 V SPECIFICATIONS1 Parameter Min Typ Max Unit Test Conditions STATIC PERFORMANCE Resolution (Each DAC) 10 Bits Accuracy (Each DAC) Integral Nonlinearity ±1.0 LSB Differential Nonlinearity ±1.0 LSB Guaranteed Monotonic DIGITAL INPUTS Input High Voltage, VINH 2V Input Low Voltage, VINL 0.8 V Input Current, IIN ±1 mAVIN = 0.4 V or 2.4 V Input Capacitance, CIN 610 pF Input Leakage Current 1 mA DIGITAL OUTPUTS Output High Voltage, VOH 2.4 V ISOURCE = 400 mA Output Low Voltage, VOL 0.4 V ISINK = 3.2 mA Three-State Leakage Current 10 mA Three-State Output Capacitance 6 10 pF ANALOG OUTPUTS Output Current (Max) 4.25 4.33 4.625 mA RSET1,2 = 1200 W, RL = 300 W Output Current (Min) 2.16 mA RL = 600 W, RSET1,2 = 2400 W DAC-to-DAC Matching 0.4 % Output Compliance, VOC 1.4 V Output Impedance, ROUT 100 k W Output Capacitance, COUT 630 pF IOUT = 0 mA VOLTAGE REFERENCE3 Reference Range, VREF 1.235 V IVREFOUT = 20 mA POWER REQUIREMENTS VAA 3.15 3.3 3.45 V Normal Power Mode IDAC 4 29 mA ICCT (2 ¥ Oversampling)5, 6 42 54 mA ICCT (4 ¥ Oversampling)5, 6 68 86 mA IPLL 6mA Sleep Mode IDAC 0.01 mA ICCT 85 mA NOTES 1All measurements are made in 4 ¥ Oversampling Mode unless otherwise specified and are guaranteed by characterization. In 2¥ Oversampling Mode, the power re- quirement for the ADV7190/ADV7191 are typically 3.0 V. 2Temperature range T MIN to TMAX: 0 ∞C to 70∞C. 3Measurement made in 2 ¥ oversampling mode. 4I DAC is the total current required to supply all DACs including the V REF circuitry. 5All six DACs ON. 6I CCT, or the circuit current, is the continuous current required to drive the digital core without I PLL. Specifications subject to change without notice. (VAA = 3.3 V, VREF = 1.235 V, RSET1,2 = 1200 , unless otherwise noted. All specifications TMIN to TMAX 2, unless otherwise noted.) |
Similar Part No. - ADV7191_15 |
|
Similar Description - ADV7191_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |