Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP3N50 Datasheet(PDF) 9 Page - Intersil Corporation

Part # RFP3N50
Description  3A, 450V and 500V, 3 Ohm, N-Channel Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP3N50 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button RFP3N50 Datasheet HTML 2Page - Intersil Corporation RFP3N50 Datasheet HTML 3Page - Intersil Corporation RFP3N50 Datasheet HTML 4Page - Intersil Corporation RFP3N50 Datasheet HTML 5Page - Intersil Corporation RFP3N50 Datasheet HTML 6Page - Intersil Corporation RFP3N50 Datasheet HTML 7Page - Intersil Corporation RFP3N50 Datasheet HTML 8Page - Intersil Corporation RFP3N50 Datasheet HTML 9Page - Intersil Corporation RFP3N50 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 9. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Harris Application Notes AN7254 and AN7260.
FIGURE 10. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Typical Performance Curves
Unless Otherwise Specified (Continued)
ID = 3A, VGS =10V
2
1.5
1
0.5
0
-50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
1.3
1.2
1.1
1.0
0.9
0.8
0.7
-50
0.6
1.4
0
50
100
150
200
TJ, JUNCTION TEMPERATURE(
oC)
VDS = 10V
ID = 250µA
0
10
2030
40
5060
70
8090
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
800
700
600
500
400
300
200
100
0
COSS
CISS
CRSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
500
375
250
125
0
10
8
6
4
2
0
IG(REF)
IG(ACT)
20
IG(REF)
IG(ACT)
80
VDD = BVDSS
VDD = BVDSS
DRAIN SOURCE VOLTAGE
0.75BVDSS
0.50BVDSS
0.25BVDSS
GATE
SOURCE
VOLTAGE
RL = 167Ω
IG(REF) = 0.45mA
VGS = 10V
t, TIME (
µs)
RFM3N45, RFM3N50, RFP3N45, RFP3N50


Similar Part No. - RFP3N50

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RFP3N50 VBSEMI-RFP3N50 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - RFP3N50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM6N45 INTERSIL-RFM6N45 Datasheet
32Kb / 4P
   6A, 450V and 500V, 1.250 Ohm, N-Channel Power MOSFETs
RFH10N45 INTERSIL-RFH10N45 Datasheet
32Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 4.5A, 450V/500V
logo
Intersil Corporation
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
   N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
FRS430D INTERSIL-FRS430D Datasheet
49Kb / 6P
   3A, 500V, 2.52 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM430D INTERSIL-FRM430D Datasheet
48Kb / 6P
   3A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com