Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP18N10 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFP18N10
Description  18A, 80V and 100V, 0.100 Ohm, N-Channel Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP18N10 Datasheet(HTML) 3 Page - Intersil Corporation

  RFP18N10 Datasheet HTML 1Page - Intersil Corporation RFP18N10 Datasheet HTML 2Page - Intersil Corporation RFP18N10 Datasheet HTML 3Page - Intersil Corporation RFP18N10 Datasheet HTML 4Page - Intersil Corporation RFP18N10 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-3
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. SATURATION CHARACTERISTICS
FIGURE 5. TRANSFER CHARACTERISTICS
FIGURE 6. DRAIN TO SOURCE ON RESISTANCE vs
DRAIN CURRENT
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
20
18
16
14
12
10
8
6
4
2
0
RFP18N08,
RFP18N10
RFM18N08,
RFM18N10
1
10
100
1000
VDS, DRAIN TO SOURCE VOLTAGE (V)
100
10
1
0.1
TC = 25
oC
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
OPERATION IN
THIS AREA MAY BE
LIMITED BY rDS(ON)
DC
OPERA
TION
TJ = MAX RATED
01
23
4
5
6
7
35
30
25
20
15
10
5
0
VDS, DRAIN TO SOURCE (V)
VG = 8V
8
VG = 7V
VG = 6V
VG = 5V
VG = 4V
VG = 10V
VG = 20V
PULSE DURATION = 80
µs
DUTY CYCLE
≤ 2%
TC = 25
oC
0
234
1
56789
10
VGS, GATE TO SOURCE VOLTAGE (V)
40
35
30
25
20
15
10
5
0
VDS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE
≤ 2%
TC = 25
oC
125oC
125oC
-40oC
25oC
-40oC
010
20
30
35
515
25
ID, DRAIN CURRENT (A)
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
PULSE DURATION = 80
µs
DUTY CYCLE
≤ 2%
TC = 25
oC
125oC
25oC
-40oC
VGS = 10V
RFM18N08, RFM18N10, RFP18N08, RFP18N10


Similar Part No. - RFP18N10

ManufacturerPart #DatasheetDescription
logo
GE Solid State
RFP10N12 GESS-RFP10N12 Datasheet
211Kb / 4P
   N-CHANNEL ENHANCEMENT-MODE POWER FIELD-EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
RFP10N12 NJSEMI-RFP10N12 Datasheet
89Kb / 2P
   N-Channel Enhancement-Mode Power Field-Effect Transistors
RFP10N12 NJSEMI-RFP10N12 Datasheet
89Kb / 2P
   N-Channel Enhancement-Mode Power Field-Effect Transistors
logo
Intersil Corporation
RFP10N15 INTERSIL-RFP10N15 Datasheet
40Kb / 5P
   10A, 150V, 0.300 Ohm, N-Channel Power MOSFETs
logo
GE Solid State
RFP10N15 GESS-RFP10N15 Datasheet
211Kb / 4P
   N-CHANNEL ENHANCEMENT-MODE POWER FIELD-EFFECT TRANSISTORS
More results

Similar Description - RFP18N10

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
   12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
   1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF540 NJSEMI-IRF540 Datasheet
984Kb / 3P
   25A and 28A, 80V and 100V, 0.077 and 0.100 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
   12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
RFP6P08 INTERSIL-RFP6P08 Datasheet
310Kb / 5P
   -6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
   -8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
logo
Intersil Corporation
RFP2N08L INTERSIL-RFP2N08L Datasheet
35Kb / 5P
   2A, 80V and 100V, 1.050 Ohm, Logic Level, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com