Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1100F Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MUR1100F
Description  Super Fast Recovery Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MUR1100F Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MUR1100F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MUR1100F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MUR1100F Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Features
Super Fast Switching Speed For High Efficiency
Epoxy meets UL 94 V-0 flammability rating
SOD-123F
Unit:mm
2.8 ± 0.1
Cathode Band
Top View
3.7 ± 0.1
0.65 0.1
±
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
MUR
105F
MUR
110F
MUR
115F
MUR
120F
MUR
140F
MUR
160F
MUR
180F
MUR
1100F
Unit
Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
400
600
800
1000
RMS Voltage
VRMS
35
70
105
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
50
100
150
200
400
600
800
1000
Averaged Forward Current.TA=55℃
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
Junction Temperature
Tj
Operating Temperature
Topr
Storage Temperature
Tstg
150
-55 to 150
A
-55 to 150
V
1
35
Electrical Characteristics Ta = 25℃
Symbol
Test Conditions
Min
Typ
Max
Unit
MUR105F-115F
0.975
MUR120F-160F
1.35
MUR180F-1100F
1.75
Ta = 25℃
5
Ta = 150℃
50
MUR105F-120F
45
MUR140F-160F
60
MUR180F-1100F
75
CJ
VR=4V, f=1MHz
20
pF
V
uA
Junction Capacitance
ns
VF
IR
IF=1A,Ta = 25℃
trr
IF=0.5A, IR=1A,
Irr=0.25A
Parameter
Forward voltage
Reverse voltage leakage current
Reverse Recovery Time
Super Fast Recovery Diodes
MUR105F ~ MUR1100F


Similar Part No. - MUR1100F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1100 MCC-MUR1100 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
MUR1100 MCC-MUR1100 Datasheet
369Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MUR1100 BILIN-MUR1100 Datasheet
59Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
New Jersey Semi-Conduct...
MUR1100 NJSEMI-MUR1100 Datasheet
48Kb / 1P
   SWITCHMODE POWER RECTIRERS
logo
Shanghai Lunsure Electr...
MUR1100 CHENYI-MUR1100 Datasheet
50Kb / 3P
   1Amp super fast recovery rectifier 50to1000 volts
More results

Similar Description - MUR1100F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM35HG-34S MITSUBISHI-RM35HG-34S Datasheet
22Kb / 2P
   Super Fast Recovery Diodes
logo
EIC discrete Semiconduc...
BYW98-50S EIC-BYW98-50S Datasheet
50Kb / 2P
   SUPER FAST RECOVERY DIODES
logo
New Jersey Semi-Conduct...
BYW98-50S NJSEMI-BYW98-50S Datasheet
150Kb / 2P
   SUPER FAST RECOVERY DIODES
logo
Rohm
RFUS20NS4S ROHM-RFUS20NS4S Datasheet
191Kb / 1P
   Super Fast Recovery Diodes
RFU5TF6S ROHM-RFU5TF6S Datasheet
164Kb / 1P
   Super Fast Recovery Diodes
logo
SEMTECH ELECTRONICS LTD...
SF101 SEMTECH_ELEC-SF101 Datasheet
98Kb / 1P
   SUPER FAST RECOVERY SILICON DIODES
logo
SUNMATE electronic Co.,...
SF1010 SUNMATE-SF1010 Datasheet
354Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODES
SF81 SUNMATE-SF81 Datasheet
425Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Luguang Electr...
MUR860D LUGUANG-MUR860D Datasheet
2Mb / 4P
   Super-Fast Recovery Diodes 8A FRD Pt
Revision:20170701-P1
MUR2020CT LUGUANG-MUR2020CT Datasheet
2Mb / 4P
   Super-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com